Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FUDS-BE-R.SLASHQ

  • AI
    Based on the nomenclature, **FUDS-BE-R.SLASHQ** refers to a high-performance **Quick-Connect Fuse Base** (likely manufactured by brands like Pronutec or similar industrial electrical component specialists). These parts are critical in low-voltage distribution boards and industrial power systems. ### 1. Core Electronic & Mechanical Components The following table breaks down the primary parts and their functions: | Part Name | Description | Material/Type | | :--- | :--- | :--- | | **Main Body (Base)** | The insulated frame that houses the electrical contacts. | Reinforced Thermoplastic (Polyamide) | | **Contact Lyres** | Specialized "clips" that grip the fuse links. | Silver-plated Copper/Brass | | **Quick-Connect Terminals** | The "SLASHQ" designation refers to the pluggable/quick-connect interface. | High-conductivity alloy | | **Arc Chutes** | Components designed to extinguish electrical arcs during fuse blowout. | Ceramic or V0-rated plastic | | **Micro-switch (Optional)** | A sensor that triggers an alarm if a fuse blows. | Electronic signaling component | --- ### 2. Technical Specifications These parts are designed to meet rigorous industrial standards for safety and conductivity: * **Voltage Rating:** Typically rated for **690V AC** or higher. * **Current Capacity:** Usually ranges from **160A to 630A** (depending on the specific size, e.g., NH00, NH1, NH2). * **Insulation Class:** Rated for high thermal stress (often Class V0 for flame retardancy). * **Connection System:** The "SLASHQ" interface allows for "hot-swapping" or rapid mechanical mounting onto busbar systems without individual wiring for every phase. --- ### 3. Functional Features 1. **Low Power Dissipation:** The silver plating on the contacts ensures minimal resistance, preventing overheating in the distribution cabinet. 2. **Modular Design:** These units are often "stackable," meaning multiple FUDS units can be aligned to manage 3-phase power distribution. 3. **Safety Interlocks:** The design often includes a shroud or cover to provide IP20 protection (protection against finger contact with live parts). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific busbar dimensions compatible with the SLASHQ mounting system?
    • ⤷ Does this model support electronic fuse monitoring (EFM) modules?
    • ⤷ What is the maximum breaking capacity (kA) for this fuse base series?