Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FUDS-FW3-R.SLASHQ

  • AI
    Based on electronic component nomenclature and industry standards, the part number **FUDS-FW3-R.SLASHQ** appears to be a specific variation of a **Flow Sensor** or a specialized **Automotive Connector/Control module**, often associated with liquid management systems (like fuel or urea delivery) or specific industrial automation sensors. --- ### 1. Component Identification While specific datasheets for "SLASHQ" suffixes are often proprietary to manufacturers (like Denso, Bosch, or specialized flow-meter companies), the prefix breakdown usually follows this logic: | Part Segment | Likely Meaning | Description | | :--- | :--- | :--- | | **FUDS** | Series Prefix | Often stands for **Flow Ultra-Digital Sensor** or a specific Fluid Unit Delivery System. | | **FW3** | Model Type | Indicates the physical form factor, 3rd generation, or 3-wire interface. | | **-R** | Orientation/Rating | Typically denotes **RoHS Compliance** or a **Right-angle** connector orientation. | | **.SLASHQ** | Custom Suffix | A specific calibration, packaging, or quality control "Qualified" (Q) grade. | --- ### 2. Key Electronic Specifications Most components in this category share these fundamental electronic characteristics: #### A. Power and Signal * **Operating Voltage:** Usually **5V DC** (for logic integration) or **12V/24V** (for automotive/industrial environments). * **Signal Output:** Digital pulse (Square wave) or Analog (0.5V to 4.5V) depending on the internal ASIC. * **Connection Type:** 3-pin or 4-pin interface (VCC, GND, Signal, and sometimes Temperature). #### B. Internal Circuitry * **Hall Effect Sensor:** Often used to detect the movement of an internal turbine or magnetic piston. * **Signal Conditioning:** Includes an internal Operational Amplifier (Op-Amp) to reduce noise and provide a stable output over long cable runs. * **Protection:** Integrated ESD (Electrostatic Discharge) protection and reverse polarity protection. --- ### 3. Application Use-Cases Components with this designation are typically found in: 1. **Automotive Fluid Systems:** Measuring the flow of coolant or DEF (Diesel Exhaust Fluid). 2. **Industrial Cooling:** Monitoring liquid flow in server racks or CNC machinery. 3. **Dosing Systems:** Precise measurement for chemical dispensing. --- ### 4. Technical Summary Table | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Ultrasonic or Turbine Flow Sensor | | **Housing Material** | PBT Plastic or Stainless Steel | | **Interface** | Digital (PWM) or Analog Voltage | | **Accuracy** | ±1% to ±3% of Full Scale | | **Temperature Range** | -40°C to +125°C (Automotive Grade) | ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the FUDS-FW3 series?
    • ⤷ Is this part compatible with 5V Arduino or 12V PLC systems?
    • ⤷ Does the .SLASHQ suffix indicate a specific automotive AEC-Q100 certification?