Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-42-R

  • AI
    The **FVF-42-R** is a specific electronic component primarily categorized as a **Fuseholder** or **Fuse Block**, typically manufactured by brands like **Eaton (Bussmann Series)**. It is designed to house and protect high-speed fuses in industrial power circuits. --- ## 1. Core Specifications and Technical Data The FVF-42-R is engineered for high-current applications where circuit protection is critical. Below are its primary technical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fuseholder / Fuse Block | | **Compatible Fuse Size** | North American High-Speed Fuses (e.g., FWA, FWC) | | **Maximum Voltage Rating** | Up to 600V AC/DC (standard rating) | | **Amperage Rating** | Typically 30A to 60A (depending on configuration) | | **Mounting Style** | Panel Mount / Bolt-on | | **Number of Poles** | Single Pole (Modular design) | --- ## 2. Key Electronic Components & Features The "electronic" nature of this part refers to its physical integration into a power distribution system. It consists of several critical sub-parts: ### A. Conductive Clips (Contacts) The clips are usually made of **silver-plated copper** or **tin-plated brass**. These ensure low contact resistance and high conductivity to prevent heat buildup during high-amperage operation. ### B. Insulating Base The body is constructed from **high-grade phenolic** or **thermoplastic** materials. These materials provide: * **Dielectric strength:** Prevents arcing between the fuse and the chassis. * **Heat resistance:** Maintains structural integrity even if the fuse experiences a thermal event. ### C. Termination Points The "R" suffix often denotes a specific terminal type (such as **Ring terminal** or **Rear-access** connections). This allows for secure bolting of heavy-gauge wires to the fuse block, ensuring a vibration-resistant connection. --- ## 3. Common Applications The FVF-42-R is commonly found in the following electronic environments: 1. **Variable Frequency Drives (VFDs):** Protecting the power input stages. 2. **DC Common Bus Systems:** Used in industrial automation to protect power rails. 3. **Power Supplies:** Serving as the primary overcurrent protection for large industrial rectifiers. 4. **Electric Vehicle Charging Infrastructure:** Protecting internal high-voltage DC circuits. --- ## 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **FV** | Fuse Vertical (or Series designation) | | **F** | Fixed/Flush mount characteristics | | **42** | Physical size or amperage series code | | **R** | Specific terminal configuration (e.g., Rear-connect or RoHS compliant) |
    ✨ Follow-up Questions
    • ⤷ What are the specific torque requirements for the FVF-42-R terminals?
    • ⤷ Which specific high-speed fuse series are compatible with this block?
    • ⤷ Does the FVF-42-R support DIN rail mounting or is it strictly panel mount?