Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-52-R

  • AI
    Based on the part number **FVF-52-R**, this component is most commonly identified as a **high-precision current sensing resistor** or a specific type of **fuse/varistor assembly** depending on the manufacturer (often associated with brands like Viking Tech or specific industrial electronics suppliers). Below is the technical breakdown of the electronic characteristics typically associated with this part series. --- ## 1. Technical Specifications The "FVF" series generally refers to **Metal Foil Low Ohmic Resistors**. Here is a breakdown of the typical parameters for this component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense Resistor / Metal Foil | | **Resistance Value** | Varies (Defined by the "52" code or sub-markings) | | **Tolerance** | ±0.5% to ±5% | | **Power Rating** | 0.5W to 2W (Size dependent) | | **Temperature Coefficient** | ±50ppm/°C to ±100ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **RoHS Status** | Lead-Free / Compliant (indicated by **-R**) | --- ## 2. Part Number Deciphering The alphanumeric code provides specific instructions for the manufacturing and functionality: * **FVF**: Series prefix, usually indicating a **Foil** construction or **Flame-proof** Vertical mount resistor. * **52**: Often refers to the **Forming Type** or **Lead Spacing** (52mm tape/pitch is a standard for axial components). * **R**: Typically signifies **RoHS Compliance** or that the component is packaged on a **Reel**. --- ## 3. Key Electronic Functions The FVF-52-R serves three primary roles in a circuit: ### A. Current Sensing Due to its low resistance and high precision, it is placed in series with a load to measure current by monitoring the voltage drop across the resistor ($V = I \times R$). ### B. Thermal Stability The metal foil construction ensures that the resistance value does not drift significantly as the component heats up, which is critical for power management systems. ### C. Circuit Protection In some configurations, the "FVF" designation refers to a **Fusible Resistor**. In this case, the part acts as a standard resistor under normal conditions but opens the circuit (like a fuse) if a specific power threshold is exceeded, preventing fire or further damage. --- ## 4. Common Applications * **Power Supplies:** Used in the feedback loop of Switch Mode Power Supplies (SMPS). * **Battery Management Systems (BMS):** Monitoring charge and discharge rates in Li-ion packs. * **Motor Controllers:** Detecting over-current conditions in industrial motors. * **Consumer Electronics:** Power adapters for laptops and mobile devices. ---
    ✨ Follow-up Questions
    • ⤷ Is the FVF-52-R being used as a shunt resistor or a safety fuse in your specific application?
    • ⤷ What is the specific resistance value (Ohms) required for your circuit design?
    • ⤷ Do you need the full datasheet for a specific manufacturer like Viking or TE Connectivity?