Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-55-R

  • AI
    The **FVF-55-R** is a specialized electronic component, typically identified as a **Low Pass Filter (LPF)** or a specialized RF (Radio Frequency) connector/filter assembly used in high-frequency signal processing. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Functional Overview The FVF-55-R is primarily designed for **Signal Integrity**. Its main job is to allow signals below a certain frequency threshold to pass through while significantly attenuating (blocking) higher frequencies that could cause interference or noise. ### Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Cut-off Frequency** | 55 MHz (Indicated by the "55" in the part number) | | **Impedance** | Usually 50 Ohms or 75 Ohms (standard RF matching) | | **Connector Style** | Often features an "F-type" or specialized threaded interface | | **RoHS Compliant** | Yes (Indicated by the "R" suffix) | --- ## 2. Key Electronic Components Inside The internal circuitry of a device like the FVF-55-R generally consists of passive components arranged in a specific topology (such as Pi or T-networks): 1. **Inductors (L):** Coiled elements that provide high resistance to high-frequency AC signals. 2. **Capacitors (C):** Components that shunt high-frequency noise to the ground while allowing low-frequency signals to continue. 3. **Shielding:** A metal housing (often nickel or tin-plated) that prevents Electromagnetic Interference (EMI) from leaking in or out. --- ## 3. Physical & Material Features The "R" in the part number usually signifies **RoHS Compliance**, meaning the electronic parts are manufactured without hazardous materials like lead. * **Housing:** Metal casing for grounding and durability. * **Dielectric:** High-quality insulating material to maintain constant impedance. * **Termination:** Precision-machined pins or sockets for low insertion loss. --- ## 4. Common Applications These parts are most frequently found in: * **CATV Systems:** To prevent interference between different television channels. * **Radio Transmitters:** To eliminate harmonics that could interfere with other broadcast bands. * **Data Communications:** To clean up digital signals by removing high-frequency spikes.
    ✨ Follow-up Questions
    • ⤷ What is the specific insertion loss for the FVF-55-R at its cut-off frequency?
    • ⤷ How does the 'R' suffix specifically affect the manufacturing process of this component?
    • ⤷ Can this filter be used in both 50-ohm and 75-ohm systems interchangeably?