Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-61-R

  • AI
    The **FVF-61-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Fuse** or a **Fuse Holder/Clip** assembly, often associated with the **Bussmann (Eaton)** or similar industrial electronic lines. It is designed for high-reliability circuit protection in compact electronic assemblies. --- ## 1. Technical Specifications The "FVF" series generally refers to high-speed or fast-acting fuses. Below are the typical characteristics associated with this part number: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Fast-Acting / Very Fast-Acting | | **Mounting Type** | Surface Mount (SMT) / PCB Mount | | **Current Rating** | Dependent on specific sub-variant (e.g., 1A to 15A) | | **Voltage Rating** | Often 32V - 125V DC/AC | | **Termination Style** | Radial or Surface Mount Pads | | **Compliance** | RoHS Compliant (indicated by the "-R" suffix) | --- ## 2. Key Electronic Components & Materials The FVF-61-R is constructed using several specific electronic materials to ensure safety and precision: 1. **Fuse Element:** Usually a thin wire or metal film (silver, copper, or alloy) designed to melt at a precise thermal threshold. 2. **Ceramic or Glass Body:** Provides the structural integrity and high insulation resistance needed to prevent arcing after the fuse blows. 3. **End Caps/Terminals:** Tin-plated or gold-plated copper alloy for optimal conductivity and solderability on Printed Circuit Boards (PCBs). 4. **Arc Quenching Material:** In some versions, the internal cavity is filled with silica sand or a specialized gas to extinguish the electrical arc during a fault. --- ## 3. Applications and Usage This part is commonly found in sensitive electronic environments where "overcurrent" protection is critical: * **Power Supplies:** Protecting DC-DC converters from internal shorts. * **Battery Management Systems (BMS):** Preventing thermal runaway in lithium-ion packs. * **Consumer Electronics:** Used in laptops, monitors, and gaming consoles. * **Industrial Controls:** Protecting PLCs (Programmable Logic Controllers) from surge damage. --- ## 4. Part Number Breakdown * **FVF:** Series designation (Fast-acting Vacuum/Vertical Fuse type). * **61:** Physical size or specific amperage/voltage coding. * **R:** Indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum breaking capacity of the FVF-61-R?
    • ⤷ Can this fuse be used in AC high-voltage applications?
    • ⤷ What are the recommended soldering profiles for this SMT component?