Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-64-R/Q

  • AI
    The **FVF-64-R/Q** typically refers to a high-performance **Vacuum Fluorescent Display (VFD)** module, commonly manufactured by companies like Futaba or similar industrial display specialists. These modules are known for their high brightness, wide viewing angles, and "retro" aesthetic, often used in medical devices, audio equipment, and industrial controllers. --- ### 1. Core Technical Specifications The "64" in the part number generally refers to the character/digit capacity or the specific grid configuration. | Feature | Specification Details | | :--- | :--- | | **Display Type** | Vacuum Fluorescent Display (VFD) | | **Configuration** | Typically 64 characters/segments (Grid x Anode) | | **Light Color** | Standard Blue-Green (approx. 505nm) | | **Interface** | Parallel or Serial (C-MOS level) | | **Operating Voltage** | Usually +5V (Logic) and +24V to +50V (Filament/Anode) | --- ### 2. Primary Electronic Components The internal circuitry of a module like the FVF-64-R/Q consists of three main electronic stages: #### A. The Glass Enclosure (Vacuum Tube) This is the physical display. It contains: * **Filaments (Cathodes):** Fine wires that are heated to emit electrons. * **Grids:** Control the flow of electrons to specific areas. * **Anodes:** Coated with phosphor. When hit by electrons, they glow. #### B. The Driver ICs Because VFDs require higher voltages (20V+) than standard microcontrollers (3.3V/5V), specific driver ICs (like those from Maxim or Allegro) are used. These act as high-voltage level shifters to toggle the segments on and off. #### C. DC-DC Converter Most modules include an onboard converter to step up the logic voltage (5V) to the higher anode/grid voltage and to provide the AC or DC filament power required to keep the display illuminated. --- ### 3. Pinout and Connectivity Categories While specific pinouts vary by manufacturer revision (R vs. Q), they generally fall into these groups: 1. **Power Supply:** Vcc (Logic), Vss (Ground), and sometimes a separate Vp (Display High Voltage). 2. **Data Bus:** D0–D7 for 8-bit parallel communication. 3. **Control Signals:** * **WR (Write):** Latches data into the display. * **CS (Chip Select):** Activates the module. * **RESET:** Clears the display memory. * **BL (Blanking):** Turns the display off without clearing data. --- ### 4. Comparison: R vs. Q Variations In industrial nomenclature, suffixes often denote small hardware or firmware differences: * **-R:** Often signifies a specific **Refresh rate** optimization or a **RoHS** compliant version. * **-Q:** Frequently indicates a **Quick-response** timing profile or a specific **Character Set** (such as Japanese Katakana or European symbols). ---
    ✨ Follow-up Questions
    • ⤷ What are the power requirements for the filament vs the anode in this VFD?
    • ⤷ Can this display be interfaced directly with an Arduino or ESP32?
    • ⤷ What is the typical lifespan of the FVF-64 series before brightness decay?