Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-A1-R

  • AI
    The **FVF-A1-R** is a specific electronic component primarily identified as a **Radial Lead Metal Oxide Varistor (MOV)**, typically manufactured by companies like **Littefuse** (as part of the V-Series) or similar circuit protection specialists. Below is a breakdown of its electronic characteristics, functions, and specifications. --- ### 1. General Specifications The FVF-A1-R is designed for high-energy surge protection. Its primary role is to protect sensitive electronics from voltage transients (spikes). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Mounting Type** | Through-Hole (Radial Leads) | | **Material** | Zinc Oxide (ZnO) with Ceramic casing | | **Configuration** | Single Element | | **Packaging** | Bulk or Tape & Reel (indicated by suffixes) | --- ### 2. Key Electronic Functions The device operates as a non-linear variable resistor: * **Voltage Clamping:** When a high-voltage spike occurs, the resistance of the MOV drops instantly, shunting the excess current to ground or away from sensitive components. * **Bidirectional Protection:** It protects against both positive and negative transients, making it suitable for AC line applications. * **Fast Response Time:** It reacts to transients in the nanosecond (ns) range, preventing damage before the surge can penetrate deeper into the circuit. --- ### 3. Technical Parameters (Typical for A1-R series) * **Varistor Voltage:** Usually represents the voltage at which the device begins to conduct 1mA of current. * **Maximum Allowable Voltage:** The maximum continuous RMS or DC voltage the device can handle without tripping. * **Peak Surge Current:** The maximum pulse current (usually an 8/20µs wave) the device can survive. * **Energy Rating:** Measured in Joules (J), indicating how much energy the part can dissipate during a single event. --- ### 4. Common Applications Due to its radial lead design and power handling, the FVF-A1-R is commonly found in: 1. **Power Supplies (SMPS):** Protecting the input bridge and capacitors from grid surges. 2. **Industrial Controls:** Safeguarding PLC inputs and motor controllers. 3. **Consumer Electronics:** Found in surge protectors, white goods (washers/dryers), and LED drivers. 4. **Telecommunications:** Protection for line-powered equipment. --- ### 5. Identification & Marking * **"FVF":** Often designates the Series (Fast-acting Varistor or Specific Vendor Code). * **"A1":** Usually refers to the Disc Diameter (e.g., 5mm, 7mm, or 10mm size class). * **"R":** Generally indicates **RoHS Compliance** (Lead-free). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak surge current for the FVF-A1-R?
    • ⤷ Can this component be used in DC-to-DC converters?
    • ⤷ What are the common failure modes of a Metal Oxide Varistor?