Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-A2-R

  • AI
    The **FVF-A2-R** is an electronic component, specifically a **Flat-Type Photoelectric Sensor** or a related industrial automation sensor module (often associated with brands like Panasonic/Sunx or similar industrial manufacturers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The FVF-A2-R is designed for space-constrained industrial environments. It typically functions as a through-beam or reflective sensor used for object detection on conveyor lines or within automated machinery. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensing Method** | Photoelectric (Through-beam or Diffuse depending on kit) | | **Output Type** | NPN or PNP Open Collector (R usually denotes specific wiring/output) | | **Operating Voltage** | 12V to 24V DC | | **Response Time** | Typically < 1ms | | **Indicator LEDs** | Red (Operation), Green (Stability) | | **Enclosure Rating** | IP67 (Dust-tight and water-resistant) | | **Cable Type** | Robot cable (High flexibility, denoted by "-R") | --- ### 3. Key Electronic Components #### A. The Emitter (LED) The core of the sensing unit is an **Infrared (IR) or Red LED**. * **Modulated Light:** To prevent interference from ambient factory lighting, the electronics pulse the LED at a specific frequency. * **Focusing Lens:** A miniature plastic lens concentrates the beam to allow for long-distance sensing despite the flat housing. #### B. The Receiver (Phototransistor) The receiving end contains a photodiode or phototransistor tuned to the specific frequency of the emitter. * **Amplifier Circuit:** Since the light signal can be weak, an internal operational amplifier (Op-Amp) boosts the signal. * **Schmitt Trigger:** This electronic component ensures a "clean" digital switch (On/Off) by providing hysteresis, preventing the sensor from flickering when an object is at the edge of the sensing range. #### C. The "-R" Designation (Robot Cable) The "R" suffix in industrial electronics usually refers to the **wiring composition**: * **Flexibility:** The internal copper strands are much finer than standard cables, allowing the wire to bend millions of times without snapping. * **Shielding:** Often includes basic EMI (Electromagnetic Interference) shielding to prevent noise from nearby motors. --- ### 4. Wiring Diagram Logic Most FVF-A2-R units follow the standard industrial color coding: 1. **Brown:** Positive (+V) - Typically 24V DC. 2. **Blue:** Negative (0V/GND). 3. **Black:** Control Output (Load). 4. **White (Optional):** Mode selection (Light-ON vs. Dark-ON). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the FVF-A2-R?
    • ⤷ How do I wire this sensor to a PLC?
    • ⤷ What is the difference between NPN and PNP versions of this sensor?