Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-B4-R/Q

  • AI
    The **FVF-B4-R/Q** refers to a specific series of high-performance components, typically categorized under **Power Inductors** or specialized **Magnetic Components** used in automotive and industrial electronics. Below is a detailed breakdown of the electronic specifications and features associated with this part series. --- ### 1. General Specifications These components are designed for high-current applications where stability and efficiency are critical. | Feature | Specification Details | | :--- | :--- | | **Component Type** | SMD (Surface Mount Device) Power Inductor | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Operating Temp** | -40°C to +125°C (including self-heating) | | **Core Material** | Metal Alloy / Carbonyl Powder (high saturation) | | **Compliance** | AEC-Q200 (Automotive Grade) | --- ### 2. Key Electronic Characteristics The suffix **-R/Q** often denotes specific performance tiers or packaging styles. #### A. High Saturation Current ($I_{sat}$) Unlike standard ferrite inductors, the metal alloy core allows the inductor to maintain its inductance even under high current spikes without sudden saturation. #### B. Low DC Resistance (DCR) The internal windings are optimized to minimize power loss through heat, which is essential for: * Improving battery life in portable systems. * Reducing thermal stress on the PCB. #### C. EMI Suppression The "B4" structure typically includes a closed magnetic circuit. This prevents magnetic flux from leaking and interfering with nearby sensitive components (like microcontrollers or sensors). --- ### 3. Application Use Cases The FVF-B4 series is commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used as the energy storage element in buck (step-down) or boost (step-up) converters. 2. **ADAS Systems:** Powering cameras, Lidar, and Radar modules in vehicles. 3. **Infotainment:** Filtering power noise for high-end automotive audio and display systems. 4. **LED Lighting:** Providing stable current to high-brightness LED drivers. --- ### 4. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **FVF** | Series Identifier (Metal Composite Inductor) | | **B4** | Physical Size/Form Factor (e.g., 4.0mm height or footprint) | | **R** | Tolerance (typically ±20% or ±30%) | | **Q** | Qualification Grade (often denotes Automotive AEC-Q200) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value (uH) for the FVF-B4-R/Q variant you are using?
    • ⤷ Are you looking for equivalent cross-reference parts from brands like Vishay or TDK?
    • ⤷ Is this part being used in a high-temperature automotive environment?