Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-C4W-R/Q

  • AI
    The **FVF-C4W-R/Q** is a specific model within the **FVF Series** of industrial flow sensors (typically associated with brands like **Azbil** or similar industrial automation manufacturers). These devices are used to measure the flow rate of fluids (liquids or gases) using electronic sensing technologies. Below is an explanation of its electronic components and specifications. --- ## 1. Electronic Architecture & Sensing Method The "electronic parts" of this device consist of a sensing element and a signal processing unit. | Component | Description | | :--- | :--- | | **Sensing Principle** | Usually employs a **Karman Vortex** or **Thermal** principle. It uses an internal piezo-element or thermistor to detect flow disturbances. | | **Signal Processor** | An integrated circuit (IC) that converts raw physical signals into a linearized electrical output. | | **Display Unit** | Often features an LED or LCD screen to show real-time flow rate and accumulated totals. | | **Output Stage** | Transistors (NPN/PNP) or Analog circuits (4-20mA) for PLC communication. | --- ## 2. Technical Specifications (Electronic) The model suffix **-R/Q** typically denotes specific wiring or output configurations. ### Electrical Characteristics * **Power Supply:** Usually **12 to 24V DC** (Typical for industrial sensors). * **Current Consumption:** Low power draw, typically under **50mA**. * **Output Types:** * **Control Output:** Open collector (NPN/PNP) for threshold alerts. * **Analog Output:** 1-5V or 4-20mA for continuous monitoring. * **Protection Circuitry:** Includes reverse polarity protection and overcurrent protection to prevent damage to the internal electronics. --- ## 3. Model Code Breakdown The "C4W" and suffix parts define the electronic interface: | Segment | Meaning | | :--- | :--- | | **FVF** | Series Name (Vortex Flow Sensor). | | **C4W** | Refers to the flow range and physical body size (e.g., 4L/min or specific diameter). | | **-R** | Often indicates a **Relay** or **Remote** output capability. | | **/Q** | Frequently used to denote **Quick-connector** (M12 or similar) or a specific cable specification. | --- ## 4. Key Electronic Features 1. **Noise Immunity:** Designed with electromagnetic compatibility (EMC) shielding to operate near large motors or pumps. 2. **Digital Filtering:** Internal algorithms smooth out "jitter" or turbulence in the flow reading to provide a stable output. 3. **Low Pressure Drop:** The electronic sensing method minimizes physical obstruction, reducing energy loss in the system. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific wiring diagram for the NPN output on this model?
    • ⤷ Can the FVF-C4W-R/Q be used with corrosive chemicals?
    • ⤷ How do I calibrate the zero-point on the electronic display?