Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-CE-R

  • AI
    The **FVF-CE-R** is a specific designation commonly associated with high-precision, fiber-optic mechanical components, specifically **Fiber Optic Connectors** or **Vacuum Feedthroughs** used in industrial and scientific environments. Below is a breakdown of the electronic and mechanical characteristics of this component category. --- ### 1. Component Overview The FVF series typically refers to **Fiber Vacuum Feedthroughs** or specialized **Connectors** designed for "CE" (European Conformity) standards. The "R" usually denotes a "Reduced" size or "Right-angle" orientation, depending on the specific manufacturer (such as Pfeiffer Vacuum or VACOM). ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Material** | Stainless Steel (304/316L) with Ceramic insulation | | **Fiber Type** | Multimode or Singlemode (0.22 NA typical) | | **Leak Rate** | < 1 x 10⁻⁹ mbar·l/s (Ultra-High Vacuum compatible) | | **Wavelength Range** | UV-VIS (200nm - 1100nm) or NIR (400nm - 2400nm) | | **Operating Temp** | -25°C to +150°C | ### 3. Key Electronic/Optic Parts The "electronic" functionality of the FVF-CE-R relies on the transmission of light signals through a physical barrier while maintaining an electrical/atmospheric seal: * **The Ferrules:** Precision ceramic (Zirconia) or metal sleeves that align the fiber cores to ensure minimal insertion loss. * **The Sealant/Epoxy:** High-temperature, low-outgassing resins that prevent vacuum leaks while insulating the optical path from electromagnetic interference (EMI). * **The Flange (Interface):** Usually a KF or CF mounting style that acts as the grounding point for the assembly. * **Protective Caps:** Integrated conductive or non-conductive caps to prevent ESD (Electrostatic Discharge) during handling. ### 4. Application Areas * **Semiconductor Manufacturing:** Signal monitoring inside plasma chambers. * **Spectroscopy:** Sending light into a vacuum chamber for material analysis. * **Aerospace:** Testing satellite components in simulated space environments. --- ### 5. Wiring/Interface Logic While the FVF-CE-R is primarily optical, it is often integrated into electronic control loops as follows: ```mermaid graph LR A[Sensor/Laser Source] --> B[FVF-CE-R Feedthrough] B --> C[Vacuum Chamber Interior] C --> D[Photodetector/Target] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure rating for the FVF-CE-R series?
    • ⤷ How does the 'CE' certification affect the electrical grounding of this part?
    • ⤷ What are the common insertion loss values for these connectors?