Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-CF-R

  • AI
    Based on industrial electronics nomenclature, the **FVF-CF-R** series typically refers to high-performance **Carbon Film Resistors** (often flame-proof or vertical-form factored). These components are fundamental building blocks in power supplies, consumer electronics, and industrial control circuits. --- ### 1. Technical Specifications Overview The "FVF-CF-R" designation usually breaks down into specific technical characteristics: | Parameter | Typical Specification | Notes | | :--- | :--- | :--- | | **Element Material** | Carbon Film | Deposits a thin layer of carbon onto a ceramic rod. | | **Mounting Type** | Vertical Form (FVF) | Designed for space-saving on PCBs. | | **Coating** | Flameproof (CF) | Silicone-based coating to prevent ignition during overload. | | **Tolerance** | ±2% to ±5% | Standard precision for general-purpose circuits. | | **Power Rating** | 1/4W, 1/2W, 1W, 2W | Depends on the physical size of the body. | --- ### 2. Core Electronic Components The construction of this part involves several key layers: 1. **Ceramic Core:** A high-grade alumina rod that acts as the structural base and heat sink. 2. **Resistive Film:** A crystalline carbon film is deposited onto the rod. The resistance value is determined by cutting a **helical groove** into this film (spiraling). 3. **End Caps:** Metallic caps (usually tin-plated copper) are pressed onto the ends to ensure electrical contact. 4. **Lead Wires:** Solder-plated copper wires for through-hole mounting. 5. **Protective Coating:** A specialized "Flame-proof" layer that ensures the resistor will open-circuit safely without producing flames if it fails due to high voltage or current. --- ### 3. Key Advantages and Use Cases The FVF-CF-R style is preferred in specific electronic environments: * **Space Optimization:** The "Vertical Form" (FVF) allows the resistor to stand upright, reducing the "footprint" on the Printed Circuit Board (PCB). * **Safety Applications:** Because they are flame-proof, they are used in input stages of power adapters and household appliances where fire safety is a priority. * **Pulse Handling:** Carbon film resistors generally handle surges better than thin-film metal resistors. --- ### 4. Identification (Color Codes) Standard FVF-CF-R resistors use the 4-band or 5-band color coding system to indicate resistance. ```python # Example of reading a 4-band Carbon Film Resistor # [Band 1: 1st Digit] [Band 2: 2nd Digit] [Band 3: Multiplier] [Band 4: Tolerance] resistor_value = (1st_digit * 10 + 2nd_digit) * (10 ** multiplier) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between carbon film and metal film resistors?
    • ⤷ How does the 'Flameproof' rating work in electronic components?
    • ⤷ What are the common power ratings for vertical-form resistors?