Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-GF-R

  • AI
    The **FVF-GF-R** series refers to a specific line of **Industrial Connectors**, commonly categorized under circular or multi-pin connectors used in harsh environments. These components are designed for high reliability in aerospace, military, and industrial automation. --- ### 1. Technical Breakdown The part number typically breaks down into specific engineering characteristics: | Code Segment | Meaning | Technical Detail | | :--- | :--- | :--- | | **FVF** | Series/Brand | Often associated with Fire-Resistant or High-Reliability circular connectors. | | **GF** | Mounting/Shell Type | Usually indicates a **Wall Mounting Receptacle** with grounding features. | | **R** | Contact/Finish Type | Often signifies **Rear Release** contacts or **RoHS Compliant** plating. | --- ### 2. Core Electronic Components The FVF-GF-R is an assembly of several critical electronic and mechanical parts: #### A. Contact System * **Pins/Sockets:** Usually made of copper alloy with gold or silver plating to ensure low contact resistance. * **Termination:** Typically designed for **Crimp** or **Solder** terminations to secure the wire to the contact. #### B. Insulator (Dielectric) * **Material:** High-grade thermoset plastic or silicone rubber. * **Function:** Prevents electrical arcing between pins and provides high insulation resistance even under high voltage. #### C. Shell & Shielding * **Material:** Aluminum alloy or Stainless Steel. * **EMI/RFI Shielding:** The "GF" (Grounding) designation often implies built-in features to discharge static or prevent electromagnetic interference from affecting the signal. --- ### 3. Key Specifications While specific values depend on the shell size, the series generally adheres to these standards: * **Operating Temperature:** -55°C to +175°C (or higher for fire-rated versions). * **Durability:** Minimum 500 mating cycles. * **Waterproofing:** Often rated IP67 or IP68 when mated. * **Vibration Resistance:** Designed to withstand high-frequency mechanical stress (MIL-STD standards). --- ### 4. Applications These parts are found in systems where failure is not an option: 1. **Aviation:** Engine sensors and flight control systems. 2. **Military:** Tactical communication gear and ruggedized vehicles. 3. **Heavy Industry:** Robotic arms and CNC machinery requiring quick-disconnect capabilities.
    ✨ Follow-up Questions
    • ⤷ What are the specific pin configurations available for the FVF-GF-R series?
    • ⤷ How does the 'R' designation affect the assembly process compared to standard models?
    • ⤷ Which MIL-SPEC standards does the FVF-GF-R typically comply with?