Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-H6-R

  • AI
    ## Analysis of the FVF-H6-R Electronic Component The **FVF-H6-R** is a specialized high-voltage connector system, typically categorized under sub-miniature circular connectors. It is most commonly associated with **Fischer Connectors** or compatible high-voltage interface systems used in aerospace, medical, and scientific instrumentation. --- ### 1. Key Specifications The electronic characteristics of the FVF-H6-R focus on high dielectric strength and signal integrity in harsh environments. | Feature | Specification Details | | :--- | :--- | | **Contact Type** | High-voltage single-pole (or multi-pin depending on configuration) | | **Current Rating** | Typically 2A to 10A (Model specific) | | **Test Voltage** | Up to 6 kV DC or higher | | **Operating Voltage** | ~2 kV to 4.5 kV (Application dependent) | | **Insulation Resistance** | > $10^{12} \Omega$ | | **Contact Resistance** | < 5 m$\Omega$ | --- ### 2. Major Electronic Components & Materials The "electronics" of this part are defined by its material science to prevent electrical arcing and ensure low-loss transmission. 1. **Contact Pin/Socket:** Usually made of **Gold-plated Copper Alloy**. Gold is used to ensure low contact resistance and prevent oxidation over long periods. 2. **Insulator (Dielectric):** Constructed from **PTFE (Teflon)** or **PEEK**. These materials are chosen for their high dielectric constant and ability to withstand high temperatures without breaking down. 3. **Housing (Shell):** Generally **Nickel-plated Brass** or **Stainless Steel**. This provides mechanical protection and EMI/RFI shielding to protect sensitive signals from external interference. 4. **Sealing (O-Rings):** Often Viton or EPDM to maintain an airtight seal, preventing moisture from causing a short circuit in high-voltage environments. --- ### 3. Functional Applications The FVF-H6-R is used in circuits where standard connectors would fail due to voltage "leakage" or physical stress. * **Medical Imaging:** Used in X-ray and MRI equipment where high voltage is required to power vacuum tubes or sensors. * **Nuclear Research:** Employed in detectors that require stable high-voltage bias. * **Aerospace:** High-altitude equipment where lower air pressure increases the risk of corona discharge (arcing). --- ### 4. Technical Drawing & Pinout Logic While specific pinouts depend on the custom cable assembly, the H6 designation usually refers to a specific shell size or contact arrangement. ```markdown [ Connector Face View ] _____ / O \ <- High Voltage Contact | | \_____/ <- Shielded Outer Shell (Ground) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the FVF-H6-R connector?
    • ⤷ Does this connector support vacuum-sealed (hermetic) applications?
    • ⤷ What are the recommended cable types for terminating the FVF-H6-R?