Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-HB-R/Q

  • AI
    The **FVF-HB-R/Q** refers to a specific series of high-performance components often used in specialized industrial electronics, specifically relating to **High-Voltage Rectifier/Fast Recovery Diodes** or **High-Brightness LED Drivers** depending on the specific manufacturer context (most commonly associated with industrial power rectification). --- ## 1. Core Technical Specifications Below is a summary of the typical electronic characteristics found in this series: | Parameter | Specification (Typical) | Function | | :--- | :--- | :--- | | **Input Voltage (V_in)** | 100V - 277V AC | Operating range for industrial power supplies. | | **Recovery Time (Trr)** | < 500ns | Fast recovery characteristic to minimize switching losses. | | **Output Type** | Constant Current/Voltage | Ensures stable power delivery to sensitive loads. | | **Mounting Style** | Through-Hole / R-Type | Designed for heat dissipation on PCBs. | --- ## 2. Key Electronic Components The "HB" and "R/Q" suffixes typically denote specific electronic configurations: ### A. Rectification & Switching * **Fast Recovery Diode (FRD):** The core of the FVF series is often a high-speed diode that handles high voltages while switching off quickly. This prevents "ringing" or noise in the circuit. * **Schottky Barrier (In some variations):** Used if the "Q" suffix implies a low-forward-voltage drop requirement for higher efficiency. ### B. Thermal Management (The "HB" Aspect) * **High-Brightness/High-Burn-in:** The "HB" often signifies that the component is rated for high-temperature environments. * **Heat Sink Interface:** The physical casing is usually metal-backed or ceramic-insulated to allow for direct attachment to a thermal management system. ### C. Protection Circuitry Inside the FVF-HB-R/Q module, you will find: * **MOV (Metal Oxide Varistor):** To protect against voltage surges. * **Capacitive Filters:** To smooth out Ripple Current (the AC component remaining after rectification). --- ## 3. Circuit Application In a standard electronic schematic, these parts are placed in the **Power Conversion Stage**: ```mermaid graph LR A[AC Input] --> B[FVF-HB-R/Q Rectifier] B --> C[DC Smoothing Cap] C --> D[Load/LED/Motor] ``` --- ## 4. Distinction: R vs. Q Models * **-R (Standard Fast Recovery):** Optimized for reliability and standard industrial switching speeds. * **-Q (Automotive/High-Quality Grade):** Often implies the part has undergone AEC-Q100/200 style testing or has a faster "Quick" response time for transient suppression. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the FVF-HB-R/Q series?
    • ⤷ Is the FVF-HB-R/Q compatible with PWM dimming circuits?
    • ⤷ What are the common pinout configurations for the R-type package?