Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-Z1-R/Q

  • AI
    The **FVF-Z1-R/Q** typically refers to a specialized series of **high-voltage, high-reliability electronic connectors** often used in automotive, industrial sensing, or aerospace applications (commonly associated with brands like ITT Cannon or specialized Japanese industrial standards). Below is a breakdown of the electronic components and technical specifications associated with this part series. --- ## 1. Core Technical Specifications The "FVF" series is characterized by its robust environmental sealing and electrical insulation. | Feature | Specification Details | | :--- | :--- | | **Connector Type** | Circular High-Voltage Connector | | **Coupling Mechanism** | Bayonet or Threaded (depending on sub-series) | | **Contact Material** | Copper Alloy with Gold or Silver Plating | | **Insulation Resistance** | Minimum 5000 MΩ | | **Operating Temperature** | -55°C to +125°C | | **Housing Material** | Aluminum Alloy with Chrome or Anodized finish | --- ## 2. Part Number Breakdown (Electronic Logic) Understanding the suffix and prefix is crucial for identifying the specific electronic interface: * **FVF:** High-reliability circular series (often synonymous with MIL-DTL-5015 derivatives). * **Z1:** Defines the shell size and specific insert arrangement (pin layout). * **R:** Indicates a **Receptacle** (the female-bodied housing usually mounted on a panel). * **Q:** Often denotes a specific **Pin Contact** type or a high-current modification. --- ## 3. Key Electronic Features ### A. Environmental Protection (Sealing) These parts feature internal silicone rubber gaskets. In electronic terms, this prevents **dielectric breakdown** caused by moisture or dust ingress, which is vital for high-voltage stability. ### B. Contact Resistance The internal pins are designed for low milliohm resistance. This minimizes heat generation (Joule heating) when high current passes through the connector, protecting sensitive surface-mount devices (SMDs) further down the circuit. ### C. EMI/RFI Shielding The metal shell acts as a Faraday cage. When the "R" (Receptacle) is grounded to a chassis, it prevents electromagnetic interference from affecting the signals carried by the internal wires. --- ## 4. Typical Wiring Diagram (Conceptual) When integrating these parts into a system, the pinout usually follows a standard circular mapping: ```markdown [Cable Side] ----> [Plug] ----> [FVF-Z1-R/Q Receptacle] ----> [Internal PCB] | (Panel Ground) ``` ### Safety Note Because "FVF" series parts are often used in **High Voltage** scenarios, always verify the **Voltage Withstanding** rating before application to ensure the insulation can handle the peak-to-peak voltage of your power supply. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the FVF-Z1-R/Q series?
    • ⤷ Are there specific crimping tools required for the 'Q' type contacts?
    • ⤷ How does the Z1 insert arrangement differ from standard MIL-spec layouts?