Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-Z2-R/Q

  • AI
    The **FVF-Z2-R/Q** refers to a high-speed, high-performance series of flow control valves or sensors, typically utilized in industrial automation and fluid management systems. In electronic terms, these components serve as the interface between physical fluid dynamics and digital control systems. --- ### 1. Technical Specifications Overview The following table highlights the core electronic and operational characteristics typically associated with the FVF-Z2 series: | Parameter | Specification Details | | :--- | :--- | | **Power Supply** | Usually 24V DC (Standard Industrial Voltage) | | **Current Consumption** | < 100 mA (varying by load) | | **Signal Output** | Analog (4-20mA or 0-10V) or Pulse-based | | **Response Time** | High-speed (Millisecond range) | | **Interface** | M12 Connector or Lead Wire | | **Protection Class** | IP65 / IP67 (Dust and Water Resistant) | --- ### 2. Key Electronic Components The "Electronic" aspect of this part involves several sophisticated internal modules: #### A. Sensing Element (The Transducer) The device contains a transducer that converts physical movement (like the displacement of a piston or the rotation of a turbine) into an electrical signal. In the **R/Q variants**, this is often a Hall Effect sensor or an Optical Encoder that tracks positioning with high precision. #### B. Signal Processing Circuitry (PCBA) Internal to the housing is a Printed Circuit Board (PCB) that performs: * **Filtering:** Removes electrical noise from the industrial environment. * **Linearization:** Converts raw non-linear sensor data into a linear output signal. * **Amplification:** Boosts weak signals to standard levels (e.g., 4-20mA) for long-distance transmission to a PLC (Programmable Logic Controller). #### C. Connectivity (I/O) * **The "R" Suffix:** Often denotes a specific wiring configuration or a "Relay" output capability. * **The "Q" Suffix:** Frequently indicates a Quick-Disconnect (M12 or M8) connector type, allowing for easy replacement without rewiring. --- ### 3. Application in Control Systems In an electronic control loop, the FVF-Z2 acts as the **Feedback Provider**: 1. **Input:** The sensor detects the flow or position. 2. **Processing:** The internal electronics validate the data. 3. **Output:** A signal is sent to the **PLC**. 4. **Action:** The PLC adjusts a pump or valve to maintain the desired setpoint. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M12 connector on this model?
    • ⤷ Does the FVF-Z2-R/Q support IO-Link communication?
    • ⤷ How do I calibrate the analog output for this specific sensor?