Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-Z5-R/

  • AI
    The **FVF-Z5-R** is a specific model of a **flexible flat cable (FFC) connector**, typically manufactured by companies like JAE (Japan Aviation Electronics) or similar high-precision component vendors. These are used to connect flexible printed circuits (FPC) or flexible flat cables (FFC) to a main PCB. Below is a breakdown of its electronic and mechanical characteristics. --- ## 1. Technical Specifications The "FVF" series generally follows a standardized set of electrical parameters designed for high-density surface-mount technology (SMT). | Feature | Specification (Typical) | | :--- | :--- | | **Pitch** | 0.5 mm (High density) | | **Mounting Type** | SMT (Surface Mount Technology), Right Angle | | **Actuator Type** | ZIF (Zero Insertion Force) or Non-ZIF Slider | | **Contact Position** | Bottom Contact (usually) | | **Current Rating** | 0.5A AC/DC per contact | | **Voltage Rating** | 50V AC/DC | | **Operating Temp** | -40°C to +85°C | --- ## 2. Key Electronic Components & Materials The performance of the FVF-Z5-R is defined by the materials used in its construction: ### A. Contacts (The Conductive Path) * **Material:** Usually Phosphor Bronze. * **Plating:** Gold plating or Tin-Reflow plating over Nickel. Gold is preferred for high-reliability connections to prevent oxidation over time. * **Function:** Ensures low contact resistance (typically < 20mΩ) between the cable and the PCB trace. ### B. Insulator (The Housing) * **Material:** Heat-resistant thermoplastic (e.g., LCP - Liquid Crystal Polymer). * **Function:** Provides high insulation resistance (typically > 500MΩ) and allows the part to withstand lead-free reflow soldering temperatures (up to 260°C). ### C. The Actuator (Locking Mechanism) * **Design:** A flip-lock or slider mechanism. * **Function:** When closed, it applies mechanical pressure to ensure the FFC/FPC stays seated against the contacts, preventing accidental disconnection due to vibration. --- ## 3. Applications Because of its small footprint and 0.5mm pitch, the FVF-Z5-R is commonly found in: 1. **Consumer Electronics:** Mobile phones, tablets, and digital cameras. 2. **Display Modules:** Connecting LCD/OLED screens to the motherboard. 3. **Optical Drives:** Connecting laser pickup units. 4. **Automotive:** Infotainment systems and dashboard clusters. --- ## 4. Maintenance and Usage Tips * **Handling:** The ZIF actuator is fragile. Avoid using excessive force or metal tools to open the latch, as it can snap the plastic hinge. * **Cleaning:** Use Isopropyl Alcohol (IPA) if the contacts become contaminated, but ensure the part is dry before powering the circuit to avoid shorting. * **Insertion:** Ensure the FFC cable is inserted straight. If the cable is skewed, it can cause a short circuit between adjacent 0.5mm pins.
    ✨ Follow-up Questions
    • ⤷ What is the pin count for the Z5 variant of this connector?
    • ⤷ How does a ZIF connector differ from a Non-ZIF connector in terms of wear and tear?
    • ⤷ Can this connector be used for high-speed data transmission like LVDS?