Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVF-ZD-R

  • AI
    Based on the technical classification of high-speed fluid control and pharmaceutical machinery, the **FVF-ZD-R** typically refers to a **Rotary Volumetric Filling Machine** or a specific series of **High-Speed Rotary Valves** used in industrial automation. Below is an explanation of the primary electronic components and systems typically found in this equipment. --- ### 1. Control System Architecture The brain of the FVF-ZD-R system manages timing, synchronization, and safety protocols. | Component | Description | Function | | :--- | :--- | :--- | | **PLC (Main Controller)** | High-speed Programmable Logic Controller (e.g., Siemens S7-1500 or Allen-Bradley). | Executes the logic for filling cycles and communication with peripherals. | | **HMI (Touch Panel)** | Human-Machine Interface (usually 7-10 inch LCD). | Allows operators to set filling volumes, monitor speed, and view error logs. | | **Servo Drive** | Electronic power unit for the servo motors. | Translates PLC signals into precise motor movements. | --- ### 2. Actuators and Motion Control The "ZD" (often standing for *Zhuandong* or Rotary) and "R" (Rotary/Remote) designations highlight the importance of motion electronics. * **Servo Motors:** Used for high-precision rotation of the filling head. Unlike standard AC motors, these provide feedback on exact angular position. * **Step Motors:** Often used for secondary adjustments, such as height adjustment of the filling nozzles. * **Solenoid Valves:** Electronic-pneumatic interfaces that control the opening and closing of fluid paths based on millisecond-timed electrical pulses. --- ### 3. Sensing and Feedback Electronics These components ensure the machine reacts to its environment in real-time. 1. **Rotary Encoders:** Mounted on the main shaft to provide the PLC with the exact "degree" of the machine cycle. 2. **Fiber Optic Sensors:** Used to detect the presence of a container (No Bottle / No Fill logic). 3. **Capacitive Level Sensors:** Monitor the fluid level in the buffer tank to trigger automatic refills. 4. **Proximity Switches:** Inductive sensors that detect the "Home" position of moving mechanical parts. --- ### 4. Power Distribution and Protection | Part | Type | Purpose | | :--- | :--- | :--- | | **Switching Power Supply** | AC to DC (24V) | Converts mains power to stable DC for sensors and PLC logic. | | **VFD (Variable Frequency Drive)** | Inverter | Controls the speed of the main conveyor motor (if non-servo). | | **Safety Relay** | E-Stop Controller | Ensures all power is cut to actuators if a safety gate is opened. | --- ### 5. Technical Specifications Example Typical electronic ratings for this class of equipment: ```json { "Input_Voltage": "220V/380V AC 50/60Hz", "Control_Voltage": "24V DC", "Communication_Protocol": "EtherNet/IP or ProfiNet", "Protection_Class": "IP65 (Waterproof for washdown)", "Logic_Response_Time": "< 10ms" } ```
    ✨ Follow-up Questions
    • ⤷What is the specific function of the 'R' suffix in this model's electronics?
    • ⤷ How do you calibrate the filling volume via the HMI?
    • ⤷ What are common electronic failure codes for rotary filling machines?