Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-40-R

  • AI
    The **FVS-40-R** is a high-performance, compact liquid flow sensor designed for industrial and laboratory applications. It is typically used for monitoring flow rates of water or water-like fluids. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The electronic architecture of the FVS-40-R is centered around high-precision sensing and robust signal output. | Parameter | Specification | | :--- | :--- | | **Output Type** | Pulse (Square Wave) | | **Operating Voltage** | 5 to 24 VDC | | **Current Consumption** | Max 15 mA | | **Output Voltage (High)** | > 4.5 VDC (at 5V supply) | | **Output Voltage (Low)** | < 0.5 VDC | | **Response Time** | < 100 ms | | **Accuracy** | ±1% to ±2% of Full Scale | --- ### 2. Internal Electronic Components The FVS-40-R operates on a **Paddle-Wheel (Turbine)** principle combined with magnetic sensing. #### A. Hall Effect Sensor * **Function:** The primary electronic component. As the fluid flows, it spins an internal rotor containing magnets. * **Operation:** The Hall Effect sensor detects the passing magnetic fields and converts them into an electrical frequency. * **Reliability:** Because it is a non-contact sensing method, the electronic components are isolated from the fluid, reducing wear and corrosion. #### B. Signal Conditioning Circuitry * **Schmitt Trigger:** Internally, the raw magnetic signal is often processed through a Schmitt trigger to ensure a clean, "bounceless" square wave output. This prevents false counting caused by mechanical vibrations. * **Open Collector Output:** Most models feature an NPN open-collector output, which allows the sensor to interface easily with PLCs, Arduinos, or high-speed counters. #### C. Wiring Configuration The device typically utilizes a standard 3-wire system: 1. **Red (VCC):** Positive power supply (5-24V). 2. **Black (GND):** Ground reference. 3. **White/Yellow (Signal):** Pulse output. --- ### 3. Electronic Integration Logic To calculate the flow rate using the electronic pulses, the following formula is used: ```cpp // General logic for calculating flow rate (L/min) Flow_Rate = Pulse_Frequency / K_Factor; ``` * **Pulse Frequency:** The number of pulses detected per second (Hz). * **K-Factor:** A constant value provided by the manufacturer (pulses per liter) unique to the FVS-40-R's internal geometry. --- ### 4. Safety and Protection Features * **Reverse Polarity Protection:** Prevents damage if the power leads are connected incorrectly. * **IP Rating:** Usually rated **IP65 or higher**, meaning the electronic housing is protected against dust and water jets. * **EMC Compatibility:** Designed to resist electromagnetic interference common in industrial environments.
    ✨ Follow-up Questions
    • ⤷What is the specific K-Factor for the FVS-40-R model?
    • ⤷ How do I wire an NPN open-collector output to a 24V PLC?
    • ⤷ What is the maximum pressure rating for this flow sensor?