Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-44-R

  • AI
    The **FVS-44-R** typically refers to a high-performance **4x4 HDMI/DVI Matrix Switcher** (often associated with brands like SmartAVI). This electronic device is designed to route high-definition video and audio from multiple sources to multiple displays. --- ### 1. Core Electronic Architecture The internal circuitry of the FVS-44-R is composed of several critical electronic stages: | Component Type | Function | | :--- | :--- | | **Crosspoint Switch IC** | The "brain" of the routing; physically connects any input port to any output port without signal loss. | | **Signal Equalizers** | Integrated circuits that clean up incoming signals to compensate for long cable runs. | | **EDID Management Chip** | Stores and transmits display data to ensure the source outputs the correct resolution. | | **Microcontroller (MCU)** | Handles the logic, front panel buttons, and RS-232 communication protocols. | --- ### 2. Key Specifications The electronic performance is defined by its ability to handle high-bandwidth data streams: * **Bandwidth:** Generally supports up to **1.65 Gbps** per color, allowing for 1080p resolution. * **Input/Output:** 4 Female HDMI/DVI ports for inputs and 4 for outputs. * **Control Interface:** Includes a DB9 connector for **RS-232** serial control and an IR sensor for remote signals. * **Power Supply:** Typically operates on a **5V DC** external power adapter. --- ### 3. Electronic Features & Logic The FVS-44-R utilizes specific logic circuits to maintain signal integrity: #### A. Digital Signal Re-Clocking As digital signals travel through the switcher, they can suffer from "jitter." The electronic parts include **re-clocking circuits** that rebuild the digital signal to ensure the output is as crisp as the input. #### B. RS-232 Control Logic The device includes a serial communication bridge. This allows an external computer or automation system (like Crestron or Extron) to send hex codes to the FVS-44-R to automate switching logic. #### C. Non-Volatile Memory The internal MCU features a small amount of flash memory to save the current routing configuration. If the power is lost, the device "remembers" which input was assigned to which output upon reboot. --- ### 4. Technical Summary Table | Feature | Specification | | :--- | :--- | | **Format** | HDMI 1.3 / DVI-D | | **Max Resolution** | 1920 x 1200 @ 60Hz | | **Impedance** | 100 Ohm (Differential) | | **Connectors** | HDMI Type A / DVI-I | | **Material** | Metal Housing (for EMI Shielding) |
    ✨ Follow-up Questions
    • ⤷ How do you configure the RS-232 commands for this device?
    • ⤷ Does the FVS-44-R support HDCP content protection?
    • ⤷ What is the maximum cable length supported for the inputs?