Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-50-R

  • AI
    The **FVS-50-R** typically refers to a **Vibration Sensor** (often associated with industrial automation or specific specialized testing equipment). Below is an explanation of its electronic components, technical specifications, and functional architecture. --- ## 1. Technical Specifications This device acts as a transducer, converting mechanical kinetic energy (vibrations) into a measurable electrical signal. | Parameter | Typical Value / Description | | :--- | :--- | | **Output Type** | Analog Voltage or Current (Relay options available) | | **Sensing Technology** | Piezoelectric or MEMS Accelerometer | | **Response Range** | Often tuned for 10Hz to 1kHz | | **Sensitivity** | 50mV/g (variable based on specific model sub-type) | | **Enclosure** | Ruggedized Metal (Stainless Steel or Aluminum) | --- ## 2. Key Electronic Components The internal circuitry of an FVS-50-R generally consists of the following stages: ### A. The Sensing Element * **Piezoelectric Ceramic:** This is the "heart" of the sensor. When the device vibrates, a seismic mass puts pressure on the ceramic, generating a proportional high-impedance electrical charge. * **Alternative (MEMS):** Some modern variants use Micro-Electro-Mechanical Systems, which measure changes in capacitance. ### B. Signal Conditioning Circuitry Because the raw output from a piezo element is very weak and high-impedance, internal electronics include: * **Charge Amplifier:** Converts the high-impedance charge into a low-impedance voltage signal. * **Low-Pass/High-Pass Filters:** Removes background electrical noise and mechanical frequencies outside the target range (e.g., 50/60Hz line hum). ### C. Output Driver * **Buffer Stage:** Ensures the signal can travel through long cables without significant degradation. * **Reverse Polarity Protection:** Diodes placed at the input to prevent damage if the power supply is connected incorrectly. --- ## 3. Wiring and Integration Standard industrial vibration sensors like the FVS series usually follow a standardized wiring color code: ```yaml Pin/Wire Color | Function | Description ---------------|------------------|--------------------------- Brown (BN) | +Vcc | DC Power Supply (12-24V) Blue (BU) | GND / Common | Ground Reference Black (BK) | Signal Output | Analog Output (0-5V or 4-20mA) ``` --- ## 4. Applications The electronics are designed to withstand harsh environments for: * **Motor Health Monitoring:** Detecting bearing failure or shaft misalignment. * **Fan/Pump Protection:** Automatically shutting down equipment if vibrations exceed a safety threshold. * **Structural Analysis:** Monitoring resonance in industrial frames.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the FVS-50-R?
    • ⤷ Does this sensor provide a digital output or only analog?
    • ⤷ How do I calibrate the sensitivity of this vibration sensor?