Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-51-R

  • AI
    ## FVS-51-R Electronic Components & Specifications The **FVS-51-R** is typically a high-performance **Fiber Optic Video Splitter** or a related industrial signal distribution module (often associated with brands like Gefen or specialized industrial automation suppliers). Its electronic architecture is designed to handle high-bandwidth signals with minimal latency. Below is a breakdown of its core electronic parts and functional characteristics. --- ### 1. Core Electronic Architecture The device functions as a signal repeater and distributor. Its internal circuitry is divided into three main stages: | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **Optical Transceivers** | High-speed photodiodes and laser diodes. | Converts incoming light pulses into electrical signals. | | **Signal Processor/IC** | High-speed digital logic gates or FPGAs. | Decodes the signal and duplicates it for multiple outputs. | | **Power Regulation** | DC-to-DC converters and voltage regulators. | Ensures stable voltage (usually 5V or 12V) to sensitive ICs. | --- ### 2. Key Interface & Connection Parts The FVS-51-R utilizes specific connectors to maintain signal integrity over long distances. * **SC/ST/LC Connectors:** Depending on the specific sub-model, it uses optical ports to interface with Multi-mode or Single-mode fiber. * **LED Indicators:** * **Power LED:** Indicates active DC input. * **Link/Activity LED:** Indicates an active optical handshake between the transmitter and receiver. * **DVI/HDMI Interface (Internal):** The electronic board converts the optical data back into standard TMDS (Transition Minimized Differential Signaling) for video output. --- ### 3. Technical Specifications These parts are engineered to meet the following electronic standards: * **Bandwidth Capacity:** Often supports up to 1.65 Gbps per graphic channel. * **Input Power:** Typically requires a regulated **5V DC** power supply. * **Operating Wavelength:** Usually operates at **850nm** (Multi-mode) using VCSEL (Vertical-Cavity Surface-Emitting Laser) technology. * **Electrostatic Discharge (ESD) Protection:** Built-in TVS diodes to protect internal circuits from power surges. --- ### 4. Signal Flow Logic 1. **Optical Input:** The fiber cable delivers modulated light to the **Optical Receiver Module**. 2. **Transimpedance Amplifier (TIA):** Converts the weak current from the photodiode into a usable voltage. 3. **Buffer/Splitter Circuitry:** The electronic "brain" of the FVS-51-R clones the data stream. 4. **Output Driver:** Re-amplifies the signal to ensure it meets DVI/HDMI voltage swing requirements for the display. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the FVS-51-R over fiber?
    • ⤷ Does the FVS-51-R support HDCP content protection?
    • ⤷ What type of fiber optic cable (Single-mode or Multi-mode) is required?