Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-AC-R

  • AI
    The **FVS-AC-R** typically refers to a specific series of **Fire and Voice Systems** or specialized electronic controllers used in industrial automation and safety signaling (often associated with brands like Patlite or similar manufacturers in the automation space). Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ### 1. Core Electronic Components The internal architecture of the FVS-AC-R is designed for high-reliability audio playback and signal processing. | Component | Description | | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that manages input triggers, selects audio files, and controls the output sequence. | | **Digital-to-Analog Converter (DAC)** | Converts stored digital audio data (MP3/WAV) into analog signals for amplification. | | **Power Supply Unit (PSU)** | The "AC" in the name indicates an internal transformer/rectifier that converts **100-240V AC** to low-voltage DC for the logic boards. | | **Flash Memory** | Non-volatile storage (often SD Card or internal EEPROM) where voice messages and alert tones are stored. | | **Audio Amplifier** | A Class-D or similar high-efficiency amplifier used to drive the external or internal speaker (typically 2W to 5W output). | | **Input Optoisolators** | Electronic "gates" that protect the internal circuitry from voltage spikes on the signal input lines. | --- ### 2. Technical Specifications Electronic performance is defined by the following parameters: * **Operating Voltage:** 100V AC to 240V AC (Wide range). * **Input Method:** Dry contact closure or open-collector (NPN/PNP). * **Audio Format:** Usually supports bitrates up to 64kbps (MP3) or standard WAV. * **Sound Pressure Level (SPL):** Generally adjustable, peaking around 90dB–105dB at 1 meter depending on the specific model variation. * **Channels:** Supports multiple bit-input combinations (e.g., 15 channels via binary input). --- ### 3. Connection and Wiring Interface The electronic interface on the back or bottom of the unit usually features: 1. **Power Terminals:** L (Live) and N (Neutral) for the AC main supply. 2. **Signal Input Terminals:** A series of pins (CH1, CH2, CH3, etc.) that, when grounded, trigger specific voice messages. 3. **Busy/Output Terminal:** A transistor output that signals the electronic system is currently playing audio (used for interlocking with other machines). 4. **Volume Potentiometer:** A variable resistor used to manually attenuate the audio signal gain. --- ### 4. Logic Functionality The electronics are programmed to handle **Priority Logic**. If two signals are received simultaneously: - **Bit Input Mode:** Plays the message associated with the specific wire triggered. - **Binary Input Mode:** Interprets the combination of inputs to allow for a higher number of messages (up to 31 in some advanced versions). ---
    ✨ Follow-up Questions
    • ⤷ How do I upload custom MP3 files to the FVS-AC-R memory?
    • ⤷ What is the difference between the AC and DC versions of this controller?
    • ⤷ How do I wire the NPN input for this specific model?