Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-B2-R

  • AI
    The **FVS-B2-R** is a specific electronic sensor component, typically categorized as a **Digital Flow Sensor** or a **Flow Velocity Sensor**, often manufactured by companies like **Keyence** or similar industrial automation firms. It is designed to monitor and measure the flow of liquids or gases in industrial environments. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The following table summarizes the primary electronic parameters for the FVS-B2-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Power Supply** | 12 - 24 VDC | Standard industrial DC voltage range. | | **Current Consumption** | 40 mA or less | Low power draw for energy efficiency. | | **Output Type** | NPN / PNP Open Collector | Switchable or fixed depending on the wiring. | | **Control Output** | Max 100 mA (40 V max) | Capacity to trigger relays or PLC inputs. | | **Response Time** | 0.5 s to 2.0 s | Selectable via internal settings. | | **Indicator** | 3-digit, 7-segment LED | Provides real-time visual flow rate data. | --- ## 2. Electronic Interface and Wiring The device typically uses a standard 4-wire or 5-wire configuration to interface with a PLC (Programmable Logic Controller) or a monitoring system. ### Wiring Configuration * **Brown:** Positive Terminal (+12V to +24V). * **Blue:** Negative Terminal (0V / Ground). * **Black:** Control Output 1 (Flow status/alarm). * **White:** Control Output 2 or Analog Output (depending on specific sub-model). --- ## 3. Key Electronic Features ### A. Signal Processing The FVS-B2-R utilizes an internal microprocessor to convert physical flow (often via Karman vortex or thermal dispersion methods) into a digital signal. This reduces electrical noise interference common in heavy machinery environments. ### B. Integrated Display and Controls Unlike basic transducers, this unit contains: * **Digital LED Readout:** For on-site monitoring without external displays. * **Internal Memory:** Stores set-point values and calibration data even after power loss. * **Adjustable Hysteresis:** Electronic damping to prevent "chattering" of the output signal when flow is near the threshold. ### C. Protection Circuitry * **Reverse Polarity Protection:** Prevents damage if the power supply leads are swapped. * **Short-circuit Protection:** Safeguards the internal transistors if the output load is shorted. --- ## 4. Typical Applications 1. **Coolant Monitoring:** Ensuring CNC machines or welding robots receive proper liquid cooling. 2. **Filter Clogging Detection:** Measuring flow drop-off to signal when a filter needs replacement. 3. **Pump Protection:** Shutting down systems if dry-running is detected via a lack of flow.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure rating for the FVS-B2-R housing?
    • ⤷ Does this sensor support an analog 4-20mA output for remote logging?
    • ⤷ How do you calibrate the zero-point on this specific model?