Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-B5W-R

  • AI
    The **FVS-B5W-R** is a specific electronic component typically categorized as a **Vibration Sensor** or **Piezoelectric Transducer**, often used in industrial automation, security systems, or appliance monitoring. Below is a detailed breakdown of its technical aspects and electronic characteristics. --- ### 1. General Specifications The device operates on the principle of detecting mechanical vibrations and converting them into electrical signals. | Feature | Description | | :--- | :--- | | **Component Type** | Vibration Sensor / Piezoelectric Transducer | | **Mounting Type** | Through-hole or Lead wire (depending on specific sub-variant) | | **Output Type** | Analog (Voltage proportional to vibration) | | **Housing Material** | Plastic or metallic casing for environmental protection | --- ### 2. Key Electronic Characteristics The "B5W" nomenclature often refers to the sensitivity range and physical dimensions. * **Piezoelectric Element:** The core of the FVS-B5W-R is a piezoelectric ceramic disc. When physical stress (vibration) is applied, the crystal structure deforms and generates a small electric charge. * **Resonant Frequency:** This part is tuned to a specific frequency range (typically in the low kHz range) to maximize sensitivity to mechanical movement while ignoring high-frequency acoustic noise. * **Operating Voltage:** As a passive transducer, it often does not require an external power supply to generate a signal, though it requires an **Op-Amp (Operational Amplifier)** circuit to interface with a microcontroller. --- ### 3. Connection and Pinout The suffix **"-R"** usually denotes compliance with specific environmental standards (like RoHS) or a specific lead orientation. * **Positive (+) Lead:** Usually the red wire or the center pin; carries the signal generated by the vibration. * **Negative (-) Lead:** Usually the black wire or outer casing connection; connected to the circuit ground (GND). --- ### 4. Typical Application Circuit Because the output signal is very weak and has high impedance, the following circuit stages are usually required: 1. **Charge Amplifier:** Converts the high-impedance charge from the piezo into a usable voltage. 2. **Low Pass Filter:** Removes high-frequency electrical noise. 3. **Comparator/ADC:** Used to trigger a digital "High" signal when a vibration threshold is exceeded or to measure the intensity via an Analog-to-Digital Converter. --- ### 5. Common Use Cases * **Security Systems:** Detecting glass breakage or tampering with enclosures. * **Industrial Maintenance:** Monitoring motor vibrations to predict bearing failure. * **Consumer Electronics:** "Knock" sensors or wake-up triggers for low-power devices.
    ✨ Follow-up Questions
    • ⤷ What is the exact sensitivity rating (mV/g) for this sensor?
    • ⤷ Can this sensor be used directly with an Arduino or Raspberry Pi?
    • ⤷ What are the recommended amplification circuits for the FVS series?