Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-DC-R/Q

  • AI
    The **FVS-DC-R/Q** series typically refers to electronic components used in high-precision sensing and automation, specifically associated with **Fiber Optic Sensors** (often from manufacturers like Keyence or similar automation brands). These parts are designed to bridge the gap between optical signals and digital/analog electronic control systems. --- ## 1. Core Component Overview | Feature | Specification Details | | :--- | :--- | | **Component Type** | Digital Fiber Optic Sensor Amplifier / Evaluator | | **Connection Type** | DC (Direct Current) 12-24V | | **Output Logic** | R (Relay or Control Output) / Q (NPN or PNP selectable/Special) | | **Housing** | DIN-rail mountable or compact modular casing | | **Interface** | LED Display (Digital) with manual sensitivity adjustment | --- ## 2. Electronic Architecture The internal electronics of the FVS-DC series are divided into three primary functional blocks: ### A. Emitter and Receiver Circuitry * **LED Driver:** High-speed switching circuitry that pulses an internal LED (usually Red or Infrared) into the fiber optic cable. * **Photodiode Pre-amp:** Converts the returning light photons from the fiber into a low-voltage electrical signal. * **Gain Control:** Electronic adjustment (Potentiometer or Digital) that sets the threshold for detection. ### B. Signal Processing (The "DC" Logic) * **Comparator:** Compares the received voltage against a reference "Set Point." * **Hysteresis Control:** Prevents "chattering" (rapid switching) when the light level is right at the threshold. * **Response Time Logic:** Electronics designed to handle high-speed transitions (often in microseconds). ### C. Output Stages (R/Q Designations) * **R-Type (Control/Relay):** Usually features a transistor output designed to trigger a secondary relay or a PLC input. * **Q-Type (Specialized/Digital):** Often indicates a "Quick" connect or a specific output configuration like NPN/PNP push-pull, allowing the sensor to communicate directly with high-speed electronic controllers. --- ## 3. Wiring Configuration Standard electronic wiring for these units follows a color-coded convention: ```markdown 1. Brown : +V (12-24V DC) 2. Blue : 0V (Ground) 3. Black : Control Output (Signal) 4. White/Pink : External Input (Teach/Remote Reset) ``` --- ## 4. Key Electronic Advantages * **Noise Immunity:** Integrated filters to prevent Electromagnetic Interference (EMI) from industrial motors. * **Short Circuit Protection:** Internal circuitry to prevent damage if the output wires are crossed. * **Reverse Polarity Protection:** Prevents the board from burning out if DC power is connected backwards.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R and Q output models?
    • ⤷ How do I calibrate the sensitivity on an FVS-DC series sensor?
    • ⤷ What are the common failure modes for fiber optic amplifiers?