Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-F0-R

  • AI
    Based on your query, it appears you are referring to the **FVS-F0-R**, which is a high-speed fiber optic sensor amplifier unit commonly used in industrial automation for precision detection. Below is a breakdown of its electronic components, technical specifications, and wiring structure. --- ### ## 1. Key Technical Specifications The FVS-F0-R is designed for high-speed response and sensitivity. The electronics are housed in a compact DIN-rail mountable casing. | Component / Feature | Specification | | :--- | :--- | | **Input Voltage** | 12 to 24V DC (±10%) | | **Output Type** | NPN Open Collector (Red light model) | | **Response Time** | High Speed: 50μs / Standard: 250μs | | **Light Source** | Red LED (660 nm) | | **Control Output** | Max 100mA (40V DC) | | **Current Consumption** | 40mA or less | --- ### ## 2. Internal Electronic Structure The device consists of several critical electronic sub-systems: * **Emitter Circuit:** Drives a high-intensity Red LED to send light pulses through the fiber optic cable. * **Receiver Circuit (Photodetector):** Uses a photodiode or phototransistor to convert incoming light from the fiber back into an electrical signal. * **Signal Processing Chip:** An internal ASIC (Application-Specific Integrated Circuit) that handles the comparison between the received intensity and the "Threshold" value. * **Output Transistor:** An NPN transistor that acts as a switch, pulling the output line to the ground (0V) when the detection condition is met. --- ### ## 3. Wiring and Pinout (Electronic Interface) The FVS-F0-R typically uses a 3-wire or 4-wire configuration. ```markdown 1. Brown Wire : +V (12-24V DC Power Supply) 2. Blue Wire : 0V (GND) 3. Black Wire : Control Output (NPN) 4. Pink Wire : External Input / Remote Teach (depending on specific sub-model) ``` ### ## 4. Operational Modes The electronics allow for two primary switching logics: 1. **Light-ON (L-ON):** The output transistor conducts when the receiver detects light. 2. **Dark-ON (D-ON):** The output transistor conducts when the light path is broken (receiver is dark). --- ### ## 5. Circuit Protection To ensure industrial reliability, the internal electronics include: * **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. * **Short-circuit Protection:** Protects the NPN output transistor if the load is shorted. * **Mutual Interference Prevention:** Allows multiple FVS units to be mounted side-by-side without their light pulses confusing each other.
    ✨ Follow-up Questions
    • ⤷How do I calibrate the sensitivity threshold on the FVS-F0-R?
    • ⤷ What is the difference between NPN and PNP output in fiber optic sensors?
    • ⤷ Which fiber optic cables are compatible with the FVS series?