Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-FD-R/K

  • AI
    The **FVS-FD-R/K** is a high-performance industrial fiber optic sensor amplifier, typically used in automated production lines for high-speed detection, object counting, and positioning. Below is a breakdown of its electronic components, specifications, and wiring structure. --- ### 1. Key Technical Specifications The device operates on a DC power supply and utilizes advanced photoelectric circuitry to convert light signals into electrical signals. | Feature | Specification | | :--- | :--- | | **Power Supply** | 12 to 24V DC (±10% ripple) | | **Current Consumption** | 30mA to 40mA (max) | | **Response Time** | High-speed (approx. 200μs to 500μs) | | **Output Type** | NPN or PNP Open Collector (depending on K/R model) | | **Control Output** | Max 100mA / 30V DC | | **Light Source** | Red LED (Visible) or Infrared LED | --- ### 2. Electronic Component Breakdown The internal circuitry of the FVS-FD-R/K is divided into four main functional blocks: #### A. The Emitter (LED Circuit) This section contains a high-intensity LED. The electronics pulse the light at a specific frequency to ensure the sensor can distinguish its own light from ambient factory lighting (interference rejection). #### B. The Receiver (Photodiode) The receiving element is a high-speed photodiode. It converts incoming photons into a minute electrical current. This current is then passed through a **Pre-amplifier** stage to increase the signal-to-noise ratio. #### C. Threshold & Adjustment Logic * **Potentiometer/Sensitivity Trimmer:** A variable resistor allows the user to set the "switching threshold." * **Comparator:** An Integrated Circuit (IC) compares the received signal against the manual threshold. If the signal exceeds the threshold, it triggers the output. #### D. Output Transistor The "K" or "R" designation usually refers to the output configuration: * **NPN (Sinking):** Connects the load to the negative rail (0V). * **PNP (Sourcing):** Connects the load to the positive rail (V+). * **Short-circuit Protection:** Modern units include a thermal or current-based fuse to protect the internal transistor from wiring errors. --- ### 3. Wiring Diagram (Standard 3-Wire) Most versions of this sensor follow the standard industrial color coding: ```markdown 1. Brown (BN) --> +12~24V DC 2. Blue (BU) --> 0V (Ground) 3. Black (BK) --> Output Signal (Control Load) ``` --- ### 4. Functional Modes The electronic switch on the housing allows for two primary logic states: 1. **Light-ON (L.ON):** The output transistor conducts when the receiver sees light. 2. **Dark-ON (D.ON):** The output transistor conducts when the light beam is broken.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'K' model suffixes for this sensor?
    • ⤷ How do I troubleshoot a flashing indicator light on this unit?
    • ⤷ Can this sensor be used with both plastic and glass fiber cables?