Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-FW3-R

  • AI
    The **FVS-FW3-R** refers to a high-speed, high-performance **FireWire (IEEE 1394b) Frame Grabber** card, typically manufactured by companies like **Euresys** (part of the Picolo/Grablink series variants) or specialized vision system providers. It is primarily used in industrial automation, medical imaging, and machine vision. --- ### 1. Core Technical Specifications The electronic components are designed to handle high-bandwidth data transfer from digital cameras to a host PC. | Feature | Specification | | :--- | :--- | | **Interface Type** | PCI Express (PCIe) x1 (Standard) | | **Port Standard** | IEEE 1394b (FireWire 800) | | **Data Rate** | Up to 800 Mbps per port | | **Connector Type** | 9-pin Bilingual FireWire connectors | | **Number of Ports** | 3 Independent Ports | | **Power Supply** | Integrated DC-DC converter for camera power | --- ### 2. Key Electronic Sections #### A. The Controller IC (The Brain) The heart of the card is usually a **Texas Instruments (TI) or LSI/Agere** FireWire controller. - **Function:** It manages the link layer and physical layer (PHY) communication. - **Efficiency:** It supports asynchronous and isochronous data transfers, ensuring that video frames are not dropped during high-speed capture. #### B. Power Management Circuitry Since FireWire cameras are often "bus-powered," the card includes: - **Voltage Regulators:** Converts PC power (12V) to the stable voltage required by the cameras. - **Overcurrent Protection:** Resettable fuses (PTCs) to prevent a short circuit in a camera from damaging the PC motherboard. - **Filtering Capacitors:** High-quality electrolytic or tantalum capacitors to reduce electromagnetic interference (EMI) in the video signal. #### C. The PCIe Bridge - Translates the FireWire protocol into a format the computer's CPU and RAM can understand via the **PCI Express bus**. - Supports **DMA (Direct Memory Access)**, which allows the video data to be written directly to the system memory without taxing the CPU. --- ### 3. Application Use Cases The FVS-FW3-R is electronically optimized for environments where USB 2.0/3.0 might be too unstable or lack the necessary cable length/locking mechanisms. 1. **Industrial Inspection:** Automated optical inspection (AOI) on assembly lines. 2. **Medical Imaging:** Connecting high-resolution digital microscopes or X-ray sensors. 3. **Multi-Camera Sync:** Using the three ports to trigger three different cameras simultaneously for 3D mapping. --- ### 4. Hardware Connection Diagram ```mermaid graph LR A[Camera 1] -- FireWire 800 Cable --> B(Port 1) C[Camera 2] -- FireWire 800 Cable --> D(Port 2) E[Camera 3] -- FireWire 800 Cable --> F(Port 3) B & D & F --> G{Controller IC} G --> H[PCIe x1 Interface] H --> I[Host PC Memory] ```
    ✨ Follow-up Questions
    • ⤷ Does the FVS-FW3-R require external power connectors from the PC power supply?
    • ⤷ Is this card compatible with older FireWire 400 (6-pin) devices?
    • ⤷ What drivers are typically needed for this card to function in Windows 10/11?