Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-FWD-R

  • AI
    Based on the technical nomenclature commonly associated with optical fiber communication systems (specifically in FTTx and CATV networks), the **FVS-FWD-R** refers to a **Forward Path Optical Receiver** module. This device is responsible for converting downstream optical signals (Forward) into electrical RF signals for distribution. --- ### 1. Functional Core Components The internal electronics of an FVS-FWD-R unit are typically categorized into four main stages: | Component Stage | Electronic Part | Primary Function | | :--- | :--- | :--- | | **Optical Interface** | Photodiode (PIN) | Converts incoming 1310nm/1550nm light pulses into weak electrical currents. | | **Preamplification** | Low-noise GaAs/GaN Transistors | Amplifies the weak photodiode current while maintaining a high Signal-to-Noise Ratio (SNR). | | **Signal Processing** | Attenuator & Equalizer (PADs) | Adjusts the signal level and compensates for cable tilt to ensure a flat frequency response. | | **Power Stage** | Push-Pull or Power Doubler Module | Provides the final RF output power necessary to drive the coaxial network. | --- ### 2. Key Electronic Features The "FVS-FWD-R" series usually emphasizes high-density and modularity. Key electronic characteristics include: * **AGC (Automatic Gain Control):** Electronic circuitry that maintains a constant RF output level even if the optical input power fluctuates (typically within a -8 to +2 dBm range). * **Microprocessor Controller:** Monitors internal parameters like temperature, optical input power, and DC voltage. * **Filtering:** High-pass and Low-pass filters are used to isolate the **Forward** path (typically 47–1000 MHz) from the **Return** path (5–42/65 MHz). --- ### 3. Technical Specifications Table Typical electronic performance values for these receivers: | Parameter | Typical Value | | :--- | :--- | | **Optical Wavelength** | 1100nm to 1600nm | | **RF Frequency Range** | 47 MHz — 1003 MHz | | **Output Impedance** | 75 $\Omega$ | | **Power Consumption** | < 5 Watts | | **Connector Type** | SC/APC (Optical) & F-Type (RF) | --- ### 4. Circuit Diagram Representation (Simplified) ```mermaid graph LR A[Optical Fiber] --> B(PIN Photodiode) B --> C(TIA Pre-Amp) C --> D(Electronic Variable Attenuator) D --> E(RF Power Amp) E --> F[RF Output / Coax] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Forward (FWD) and Return (RET) modules in this system?
    • ⤷ How does the AGC circuit specifically stabilize the RF output?
    • ⤷ What are the power supply requirements for the FVS-FWD-R series?