Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-H1-R

  • AI
    The **FVS-H1-R** is an electronic component primarily known as a **High-Voltage Reed Switch/Relay** or specialized sensor interface, often used in industrial automation, medical equipment, and high-voltage testing environments. Below is an explanation of its electronic properties, construction, and typical specifications. --- ### 1. Component Overview The FVS-H1-R is designed to handle isolation and switching in circuits where standard semiconductors might fail due to high potential differences. | Feature | Description | | :--- | :--- | | **Component Type** | Reed-based High Voltage Relay / Switch | | **Contact Material** | Rhodium or Tungsten (typically for high-life expectancy) | | **Operation Principle** | Electromagnetic induction (magnetic field activates physical contacts) | | **Termination** | Radial leads (often indicated by the "-R" suffix) | --- ### 2. Key Electronic Characteristics The "H1" series typically signifies its high-voltage rating. The electronic behavior is characterized by: * **High Dielectric Strength:** The internal glass envelope is filled with inert gas or a vacuum to prevent arcing between contacts when open. * **Low Contact Resistance:** Provides a clean signal path, making it suitable for sensitive measurement equipment. * **Galvanic Isolation:** The control circuit (coil) and the switching circuit (contacts) are physically separated, ensuring high safety. ### 3. Technical Specifications (Typical) While specific brands (like Standex or Comus) may vary slightly, the electronic ratings for this class of device are generally: | Parameter | Typical Value | | :--- | :--- | | **Max Switching Voltage** | 1,000V - 10,000V DC | | **Max Switching Current** | 0.5A - 3.0A | | **Contact Power Rating** | 10W - 100W | | **Insulation Resistance** | $10^{10}$ to $10^{12}$ Ohms | | **Operating Temperature** | -40°C to +125°C | --- ### 4. Circuit Implementation When integrating the FVS-H1-R into an electronic design, developers must consider the **Flyback Diode** if it is a relay version. ```cpp // Example: Pseudo-code for controlling a Reed Relay via Microcontroller void toggleRelay(bool state) { if (state == HIGH) { digitalWrite(RELAY_PIN, HIGH); // Engages magnetic field to close contacts } else { digitalWrite(RELAY_PIN, LOW); // Disengages field to open contacts } } ``` --- ### 5. Common Applications * **Medical Electronics:** Used in defibrillators or MRI machines where high voltage isolation is critical. * **Test & Measurement:** Used in "Hipot" (High Potential) testers to check the insulation of cables. * **Industrial Automation:** Level sensing or proximity detection in hazardous or high-voltage environments.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the FVS-H1-R?
    • ⤷ How does the 'R' suffix change the mounting style compared to the standard model?
    • ⤷ What are the specific coil voltage requirements for this relay?