Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FVS-HC-R/Q

  • AI
    The **FVS-HC-R/Q** series typically refers to specialized high-current, high-voltage film capacitors (often categorized as power electronics capacitors) used in induction heating, medical equipment, and resonant tank circuits. Below is a breakdown of the electronic specifications and characteristics of these components. --- ### 1. Key Technical Specifications The "R/Q" suffix usually denotes specific cooling or mounting configurations (e.g., Water-cooled vs. Air-cooled or specific terminal types). | Feature | Specification Details | | :--- | :--- | | **Dielectric Material** | Polypropylene Film (Low loss) | | **Voltage Range** | Typically 500V to 1200V AC (Peak voltages vary) | | **Current Rating** | High RMS current capability (up to several hundred Amps) | | **Frequency Range** | High frequency optimization (10 kHz to 100+ kHz) | | **Reactive Power** | High KVAR ratings (e.g., 200 - 600 KVAR) | | **Tolerance** | Generally ±5% or ±10% | --- ### 2. Internal Construction These parts are designed to handle extreme thermal stress caused by high-frequency switching. * **Segmented Metallization:** The internal film is often segmented to provide "self-healing" properties. If a localized breakdown occurs, that specific segment is isolated, preventing a catastrophic short circuit. * **Low Inductance Design:** The internal busbars and windings are arranged to minimize ESL (Equivalent Series Inductance), which is critical for high-speed resonant circuits. * **Thermal Management:** * **R-type:** Often refers to specific ruggedized or resonant designs. * **Q-type:** Often associated with high-quality factor (Q) or specific conduction-cooled mounting plates. --- ### 3. Application Use-Cases The FVS-HC series is rarely used in standard consumer electronics; it is found in industrial power conversion systems: 1. **Induction Heating:** Used in the resonant tank circuit to oscillate with the induction coil. 2. **Resonant Converters:** Acting as the "C" in LLC or LCC power supply topologies. 3. **Wireless Charging (EV):** High-power wireless power transfer systems for electric vehicles. 4. **Medical Imaging:** High-voltage pulse generation in MRI or X-ray power supplies. --- ### 4. Mounting and Connectivity Because of the high current flow, these parts do not use standard pins. ```text Terminal Types: - M6 or M8 threaded holes (to prevent contact resistance) - Copper busbar plates (for maximum surface area contact) - Water-cooling integration (specific models feature hollow terminals) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific difference between the R and Q suffixes in this capacitor series?
    • ⤷ How do you calculate the required KVAR rating for an induction heating application?
    • ⤷ What are the common failure modes for high-current film capacitors?