Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FWE-R

  • AI
    The **FWE-R** typically refers to a specific series of **Rotary Pulse Encoders** (often manufactured by companies like Koyo/Electronics) or specialized industrial **Forward-Reverse controllers**. Based on the most common industrial application (Rotary Encoders), here is an explanation of the electronic components and their functions. --- ## 1. Internal Electronic Architecture The FWE-R series consists of several key electronic subsystems that work together to translate mechanical rotation into digital signals. | Component | Function | | :--- | :--- | | **Photo-interrupter** | A combination of an LED (Light Emitting Diode) and a Phototransistor that detects movement. | | **Slit Disk** | A rotating glass or plastic disc with etched lines that "chops" the light beam. | | **Waveform Shaper** | Integrated circuits (ICs) that convert raw analog light signals into clean square waves. | | **Output Transistors** | Usually NPN or PNP transistors that drive the signal to a PLC or controller. | | **Coupling/Protection** | Diodes and capacitors used to prevent electrical noise and polarity reversal. | --- ## 2. Pinout and Connection Logic The electronic interface of the FWE-R usually follows a standard industrial coloring scheme for its wiring harness: * **Red/Brown:** Power Supply ($V_{cc}$) — Usually 5V to 24V DC. * **Black/Blue:** Ground (0V). * **White (Phase A):** Primary pulse output for speed calculation. * **Green (Phase B):** Quadrature signal shifted by 90° to determine **direction**. * **Yellow (Phase Z):** Index pulse (one pulse per full revolution). --- ## 3. Signal Processing (Quadrature) The "R" in many encoder models signifies **Bidirectional (Reverse)** capability. Electronically, this is achieved through two offset channels: ```python # Logic representation of A and B signals Phase_A: __|¯¯|__|¯¯|__ Phase_B: |¯¯|__|¯¯|__|¯ # (Note: Phase B lags/leads A to indicate CW or CCW rotation) ``` ### Key Technical Specifications * **Output Type:** Open Collector, Totem Pole, or Line Driver. * **Resolution:** Typically ranges from 100 to 2500 Pulses Per Revolution (PPR). * **Response Frequency:** Often up to 100kHz. --- ## 4. Maintenance and Troubleshooting If the FWE-R electronic parts fail, common symptoms include: 1. **Signal Drift:** Often caused by dust on the optical slit disk. 2. **Short Circuit:** Caused by moisture entering the IP-rated casing. 3. **Signal Noise:** Lack of proper shielding on the output wires.
    ✨ Follow-up Questions
    • ⤷How do I wire an FWE-R encoder to a PLC?
    • ⤷ What is the difference between Open Collector and Totem Pole outputs?
    • ⤷ How can I test if the photo-interrupter in my encoder is still functional?