Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FX503C

  • AI
    The **ASUS TUF Gaming FX503C** (often specifically the **FX503VD** or **FX503VM** variants) is a mid-range gaming laptop from the 2017-2018 era. Below is a breakdown of its primary electronic components and technical specifications. --- ## 1. Core Processing Units The heart of the FX503C consists of high-performance mobile processors and dedicated graphics. | Component | Type | Details | | :--- | :--- | :--- | | **CPU** | Intel Core i5 / i7 | Typically 7th Gen "HQ" series (e.g., i7-7700HQ or i5-7300HQ). | | **GPU** | NVIDIA GeForce | GTX 1050 (2GB/4GB) or GTX 1060 (3GB/6GB) GDDR5 VRAM. | | **Architecture** | Kaby Lake / Pascal | Focused on high clock speeds for gaming. | --- ## 2. Memory and Storage The motherboard uses standard SO-DIMM and M.2 interfaces, making it highly modular for upgrades. * **RAM (Memory):** * **Type:** DDR4 2400MHz. * **Slots:** 2x SO-DIMM slots. * **Capacity:** Supports up to 32GB total. * **Storage Interface:** * **SATA:** 1x 2.5-inch bay for HDD or SATA SSD. * **M.2 Slot:** 1x M.2 slot (Supports NVMe PCIe Gen3 x4 or SATA SSDs). --- ## 3. Power and Thermal Management Gaming laptops generate significant heat; the FX503C uses a specific thermal design to protect electronic components. ### Thermal Design * **Dual-Fan System:** Separate dedicated fans for the CPU and GPU. * **Heat Pipes:** Copper heat pipes that transfer thermal energy from the silicon dies to the heatsink fins. * **Intelligent Thermal Design:** Features "Fan Overboost" which adjusts fan voltage based on component temperature. ### Power Electronics * **Battery:** 4-cell Li-ion, 64WHr. * **AC Adapter:** 19V DC, 6.32A (approx. 120W) or 9.23A (180W) depending on the GPU model. * **VRM (Voltage Regulator Modules):** High-quality capacitors and MOSFETs on the motherboard to convert high-voltage DC to the low-voltage levels required by the CPU/GPU. --- ## 4. Connectivity and I/O Components The mainboard integrates various controllers for peripheral communication. | Port Type | Version | Electronic Function | | :--- | :--- | :--- | | **USB Ports** | 3x USB 3.0 Type-A | High-speed data transfer (5Gbps). | | **Video Output** | HDMI 2.0 | Supports 4K output at 60Hz. | | **Network** | RJ45 LAN | Realtek Gigabit Ethernet Controller. | | **Wireless** | 802.11ac Wi-Fi | Integrated Dual-band Wi-Fi + Bluetooth 4.1. | --- ## 5. Display and Audio * **Panel:** 15.6" Full HD (1920x1080) LED-backlit panel. Some variants featured a 120Hz refresh rate panel. * **Audio Codec:** Realtek High Definition Audio with ICEpower® technology. * **Keyboard:** Red-backlit chiclet keyboard with 1.8mm key travel and N-key rollover electronics. --- ### Maintenance Note If you are looking to replace parts, the **FX503C** series is known for its "easy-access" bottom panel. Removing a single screw allows access to the RAM, M.2 SSD, and 2.5-inch drive without dismantling the entire chassis.
    ✨ Follow-up Questions
    • ⤷ What are the compatible RAM upgrades for the FX503C?
    • ⤷ How do I replace the battery in an ASUS FX503C?
    • ⤷ Can the GPU be upgraded in this specific laptop model?