Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FYA-R42010ZX

  • AI
    The **FYA-R42010ZX** is a specific electronic component belonging to the optoelectronics family, specifically a **4-digit 7-segment LED display**. These components are widely used in digital clocks, measuring instruments, and electronic appliances to display numeric data. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the technical characteristics: | Parameter | Specification | | :--- | :--- | | **Type** | 7-Segment LED Display | | **Number of Digits** | 4 Digits | | **Digit Height** | 0.40 inches (approx. 10.16 mm) | | **Polarity** | Common Anode or Common Cathode (Suffix dependent) | | **Light Color** | Varies by suffix (e.g., Red, Green, Blue, Yellow) | | **Surface Color** | Black or Grey face with White segments | | **Operating Voltage** | ~1.8V to 2.2V (Red) / ~3.0V to 3.4V (Blue/Green) | | **Forward Current** | 20mA per segment (recommended) | --- ### 2. Internal Structure and Pinout The display consists of 4 individual digits, each containing 7 segments (labeled **a** through **g**) and a decimal point (**DP**). #### Segment Mapping: Segments are arranged in a figure-eight pattern: - **Top:** a - **Middle:** g - **Bottom:** d - **Sides:** b, c, e, f #### Multiplexing: To save pins, the displays are usually **multiplexed**. Instead of having 32 separate pins for 4 digits, all "Segment A" pins are tied together internally. You select which digit to light up by activating the specific **Digit Common Pin** (Anode or Cathode). --- ### 3. Application Circuit Example To interface this with a microcontroller (like an Arduino), you typically need: 1. **Current Limiting Resistors:** (220Ω - 470Ω) placed on each segment line to prevent burning out the LEDs. 2. **Transistors (Optional):** Used on the Digit Common pins if the microcontroller cannot provide enough current to drive all segments simultaneously. ```cpp // Example: Pseudo-code for driving one digit digitalWrite(digit1_pin, HIGH); // Enable first digit digitalWrite(segmentA_pin, LOW); // Turn on segment A (if Common Anode) delay(5); // Short delay for persistence of vision digitalWrite(digit1_pin, LOW); // Turn off ``` --- ### 4. Identification of Suffixes The "ZX" at the end of the part number often refers to specific manufacturing variations: * **Color Codes:** S (Super Red), G (Green), B (Blue). * **Circuitry:** A (Common Anode), C (Common Cathode).
    ✨ Follow-up Questions
    • ⤷ Is the FYA-R42010ZX a Common Anode or Common Cathode configuration?
    • ⤷ What is the recommended resistor value for driving this display at 5V?
    • ⤷ How do I wire this display to an Arduino for a digital clock project?