Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • G-A43-R

  • AI
    The **G-A43-R** is a specific model designation commonly associated with high-performance **Brushless DC (BLDC) Motors**, often used in robotics, high-end stabilizers (gimbals), and precision industrial automation. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The G-A43-R is part of a series designed for high torque density and high efficiency. | Parameter | Typical Value | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) / Outrunner | | **KV Rating** | ~50 - 150 KV (varies by winding) | | **Rated Voltage** | 12V - 24V DC | | **Internal Resistance** | ~0.15 - 0.25 $\Omega$ | | **Stator Diameter** | 43 mm | | **Weight** | ~120g - 150g | --- ### 2. Key Electronic Components #### A. Stator and Windings * **Multi-pole Design:** Typically features 12 to 24 slots. The high pole count allows for very smooth rotation at low speeds, which is essential for camera gimbals. * **High-Temperature Enamelled Wire:** The copper windings are usually rated for high temperatures (up to 150°C) to prevent short-circuiting during heavy loads. #### B. Permanent Magnets * **Neodymium (NdFeB):** Uses high-grade Rare Earth magnets (usually N42 or N45SH) arranged on the outer rotor. * **Rotor Configuration:** Being an "Outrunner," the outer shell rotates around the internal coils, providing higher torque compared to "Inrunner" motors. #### C. Integrated Electronics (Optional Variants) Some "R" suffix versions of these motors come with integrated hardware: * **Magnetic Encoder:** Often paired with an **AS5600** or **AS5048A** magnetic induction chip to provide 12-bit or 14-bit position feedback. * **Connectivity:** Uses 3-phase wires (U, V, W) for power and a 5-6 pin JST connector for the encoder/Hall sensors. --- ### 3. Connection Diagram (Standard 3-Phase) To operate the G-A43-R, it must be connected to an **Electronic Speed Controller (ESC)** or a **FOC (Field Oriented Control)** driver. ```cpp // Example: Basic pin logic for a BLDC driver (SimpleFOC) #include BLDCMotor motor = BLDCMotor(11); // 11 pole pairs BLDCDriver3PWM driver = BLDCDriver3PWM(9, 5, 6, 8); // PWM Pins void setup() { driver.voltage_power_supply = 12; driver.init(); motor.linkDriver(&driver); motor.init(); } ``` --- ### 4. Application Areas * **Gimbal Systems:** Used in the Yaw or Pitch axis for DSLR stabilizers. * **Robotic Joints:** Ideal for quadruped robots or cobot arms requiring high precision. * **Direct Drive Systems:** Where gearboxes are undesirable due to noise or backlash.
    ✨ Follow-up Questions
    • ⤷What is the difference between the G-A43-R and a standard stepper motor?
    • ⤷ Which ESC/Driver is recommended for controlling this motor?
    • ⤷ How do I calibrate the integrated magnetic encoder for this model?