Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • G3T12AB-R

  • AI
    The **G3T12AB-R** is a high-quality, subminiature toggle switch manufactured by **NKK Switches**. It is specifically designed for logic-level applications and is widely used in printed circuit board (PCB) designs due to its ultra-compact size and reliability. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | NKK Switches | | **Part Series** | G3T Series (Subminiature Antistatic Toggles) | | **Circuit Type** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON-ON | | **Current Rating** | 0.4VA Max @ 28V AC/DC Max (Logic Level) | | **Mounting Type** | Surface Mount (SMD/SMT) - Gull Wing | | **Actuator Style** | Standard Bat Toggle | | **Contact Material** | Phosphor Bronze with Gold over Nickel Plating | --- ### 2. Physical & Material Characteristics The G3T12AB-R is engineered to withstand modern manufacturing processes and harsh electronic environments: * **Process Sealed:** The switch features a fully sealed body (typically utilizing an O-ring and ultrasonic welding). This allows the component to undergo automated wave soldering and full immersion cleaning without internal contamination. * **Antistatic Structure:** The carbon-filled bushing and the material of the actuator are designed to dissipate static electricity, protecting sensitive CMOS devices from ESD (Electrostatic Discharge). * **Heat Resistance:** The housing is made of high-temperature PPS (Polyphenylene Sulfide) resin, which meets UL94V-0 flammability standards and withstands infrared reflow soldering. --- ### 3. Application Use Cases Because this switch is rated for **Logic Level (0.4VA)**, it is not intended for power-heavy applications. Instead, it is used for: * **Handheld Devices:** Due to its "Subminiature" footprint. * **Medical Equipment:** Reliable signal switching in diagnostic tools. * **Telecommunications:** Mode selection or reset triggers on PCBs. * **Industrial Controls:** Low-energy circuit state toggling. --- ### 4. Terminal Configuration The **"AB"** suffix in the part number denotes the specific terminal orientation: * **A:** Right Angle (though in the G3T series, this usually refers to the lead style). * **B:** Surface Mount terminals (Gull-wing style). * **-R:** Indicates the packaging format, typically **Tape & Reel** for automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷ What is the difference between logic-level (0.4VA) and power-rated switches?
    • ⤷ Can the G3T12AB-R be used for manual soldering
    • ⤷ or is reflow required?
    • ⤷ How does the antistatic bushing protect the internal circuitry?