Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • G3T12AP-R_17

  • AI
    The **G3T12AP-R** (often associated with the NKK Switches G3T series) is a high-quality, subminiature toggle switch designed for logic-level applications, specifically for surface mounting on printed circuit boards (PCBs). Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Switch Function** | ON-ON (Single Pole Double Throw - SPDT) | | **Contact Rating** | 0.4VA maximum @ 28V AC/DC maximum | | **Mounting Type** | Surface Mount (SMD/SMT) - Gull Wing Leads | | **Actuator Style** | Standard Toggle | | **Terminal Type** | PC Pin (Gull-wing for SMT) | | **Operating Temp** | -30°C to +85°C | | **Mechanical Life** | 50,000 Cycles | | **Electrical Life** | 50,000 Cycles | --- ## 2. Key Electronic Components & Features ### A. Logic Level Contacts The device uses **gold-plated contacts**. Unlike power switches that rely on an "arc" to clean the contacts, logic-level switches operate at very low currents. Gold prevents oxidation, ensuring a reliable connection even at 0.4VA. ### B. Heat Resistant Materials The housing is typically made of **Polyphenylene Sulfide (PPS)** or high-temperature Liquid Crystal Polymer (LCP). This allows the part to withstand infrared (IR) and vapor phase reflow soldering processes required for SMT assembly. ### C. Sealed Construction The "R" in the suffix often denotes **Tape & Reel** packaging, but the series itself features an ultra-sealed body. This prevents flux, solvents, and other contaminants from entering the contact area during the automated soldering and washing process. ### D. Gull-Wing Terminals The leads are shaped like "Gull Wings" to provide: 1. **Ease of Inspection:** Solder joints are visible from the side. 2. **Mechanical Stability:** The shape provides a slight "spring" effect, reducing stress on the solder joint during thermal expansion. --- ## 3. Typical Application Circuit In a digital circuit, this switch is commonly used as a user-input toggle for configuration. ```c // Example: Connecting G3T12AP to a Microcontroller [VCC (2.8V - 5V)] | [10k Ohm Pull-up Resistor] | +----[ MCU Input Pin ] | [ G3T12AP Terminal 1 ] [ G3T12AP Common (Pin 2) ] ----> [ Ground ] ``` --- ## 4. Usage Considerations * **Voltage Limitation:** Do not exceed 28V. This is not intended for switching mains power (110V/220V). * **ESD Sensitivity:** While the switch is mechanical, the gold plating is thin; ensure clean handling to avoid contamination before soldering. * **Cleaning:** The sealed design allows for automated ultrasonic cleaning after assembly.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the G3T12AP and the G3T22AP models?
    • ⤷ How does the 0.4VA rating affect the choice of pull-up resistors?
    • ⤷ Can this switch be hand-soldered
    • ⤷ or is reflow mandatory?