Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • G3T18AB-R

  • AI
    ### Overview of G3T18AB-R The **G3T18AB-R** is a specific model of a sub-miniature toggle switch manufactured by **NKK Switches**. It belongs to the **G3T Series**, which is known for its surface-mount (SMT) capability and ultra-small footprint, designed for high-density PCB packaging. --- ### Technical Specifications The following table outlines the core electronic and mechanical parameters of the G3T18AB-R: | Feature | Specification | | :--- | :--- | | **Switch Function** | SPDT (Single Pole Double Throw) | | **Switching Action** | ON-OFF-(ON) | | **Current/Voltage Rating** | 0.4VA maximum @ 28V AC/DC | | **Terminal Type** | Gull-wing (Surface Mount) | | **Actuator Style** | Standard Toggle (Bat Lever) | | **Contact Material** | Gold plated over nickel or brass | | **Mounting Type** | SMT (Surface Mount Technology) | | **Operating Temperature** | -30°C to +85°C | --- ### Key Electronic & Design Features #### 1. Logic Level Switching The G3T18AB-R is a **Logic Level** switch. It is designed for low-power circuits (0.4VA max). Because it uses gold contacts, it provides high reliability in applications where the voltage and current are too low to break through the oxide layers that typically form on silver contacts. #### 2. Process Sealed Construction The device features a fully sealed body. This allows the switch to withstand automated soldering processes, including **infrared (IR) reflow soldering** and **vapor phase soldering**, and subsequent washing/cleaning without internal contamination. #### 3. Heat Resistant Resin The molded body is made of high-temperature reinforced polyamide. This ensures the switch maintains its structural integrity during the high heat of surface-mount assembly. #### 4. Bifurcated Contacts The internal contact mechanism is often "bifurcated" (twin-contact), which significantly increases contact reliability by providing a redundant path for the electrical signal. --- ### Application Usage Due to its small size and SMT design, it is commonly found in: * Handheld communication devices. * Medical instrumentation. * High-density computer peripherals. * Test and measurement equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between ON-OFF-ON and ON-OFF-(ON) functions in this series?
    • ⤷ Can this switch be used for power applications above 28V?
    • ⤷ What is the recommended footprint for soldering the G3T18AB-R?