Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • G3T23AB-R

  • AI
    ## Analysis of the G3T23AB-R Electronic Switch The **G3T23AB-R** is a high-precision, subminiature process-sealed pushbutton switch manufactured by **NKK Switches**. It is part of the G3T series, specifically designed for surface-mount applications where space and reliability are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | |:--- |:--- | | **Switch Type** | Pushbutton (Subminiature) | | **Circuit** | DPDT (Double Pole Double Throw) | | **Switch Function** | ON - (ON) *Note: Parentheses indicate momentary action* | | **Contact Rating** | 0.4VA Max @ 28V AC/DC Max (Logic Level) | | **Mounting Type** | Surface Mount (SMT) - Gull Wing | | **Actuator Style** | Flush | | **Terminal Type** | Gull Wing Leads | | **Operating Force** | 2.0 N (approx. 204gf) | --- ### 2. Physical Design and Construction * **Process Sealed:** The device is fully sealed, making it resistant to soldering heat and allowing for automated washing/cleaning processes after PCB assembly. * **Dimensions:** It features an ultra-compact footprint, typically used in high-density electronic designs. * **Materials:** * **Contacts:** Gold-plated over nickel (essential for logic-level switching to prevent oxidation). * **Housing/Base:** Heat-resistant resin (Polyphenylene Sulfide or similar) to withstand SMT reflow temperatures. --- ### 3. Electronic Behavior The G3T23AB-R operates as a **Logic Level Switch**. This means it is not intended for high-power applications (like turning on a motor) but rather for signaling a microprocessor or integrated circuit. 1. **Low Current/Voltage:** The 0.4VA rating ensures the switch performs reliably at very low currents where standard silver contacts might fail due to the lack of an "arc" to clean the contact surface. 2. **Momentary Action:** The circuit is only closed (or flipped) while the button is physically depressed. Once released, it springs back to its original state. 3. **DPDT Configuration:** This allows the switch to control two separate circuits simultaneously, providing design flexibility for redundant signals or complex logic switching. --- ### 4. Typical Applications * **Handheld Devices:** Due to its subminiature SMT profile. * **Medical Instrumentation:** Where process sealing is required for cleanliness. * **Telecommunications:** For reset buttons or mode selection on PCB boards. * **Industrial Controls:** High-density control panels requiring logic-level inputs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between DPDT and SPDT in the G3T series?
    • ⤷ What are the recommended reflow soldering profiles for this specific part?
    • ⤷ Can this switch handle 120V AC applications?