Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • G3T29AB-R

  • AI
    ### G3T29AB-R: Technical Specifications and Overview The **G3T29AB-R** is a high-quality, subminiature toggle switch manufactured by **NKK Switches**. It belongs to the **G3T Series**, which is specifically designed for surface-mount (SMD) applications where space is at a premium and high reliability is required. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Manufacturer** | NKK Switches | | **Circuit Type** | DPDT (Double Pole Double Throw) | | **Switch Function** | ON - OFF - ON (Three-position) | | **Current Rating** | 0.4VA Max @ 28V AC/DC Max | | **Mounting Type** | Surface Mount (SMD) - Gull Wing Leads | | **Actuator Style** | Standard Bat Lever | | **Operating Temp** | -30°C to +85°C | | **Seal Rating** | Process Sealed (Washable) | --- ### 2. Core Electronic Components & Materials The reliability of the G3T29AB-R stems from its material composition and internal contact design: * **Contact Mechanism:** * **Logic Level Only:** It utilizes gold-plated contacts. This is critical because gold does not oxidize, ensuring a stable connection even in low-voltage/low-current "dry circuit" applications (up to 0.4VA). * **Twin Crossbar (TC) Contact:** This internal design provides high reliability by ensuring that if one contact point fails due to debris, the second point maintains the circuit. * **Housing and Base:** * **Material:** Polyphenylene Sulfide (PPS) or high-temperature UL94V-0 plastic. * **Heat Resistance:** The housing is designed to withstand infrared (IR) and vapor phase reflow soldering temperatures. * **Terminals:** * **Gull Wing Design:** The "R" in the part number often signifies the packaging or lead shape (Gull Wing), optimized for surface mount soldering to PCBs. --- ### 3. Functional Details #### Circuit Diagram (DPDT) The DPDT configuration means the switch controls two separate circuits simultaneously. With the **ON-OFF-ON** function: 1. **Position 1:** Circuit A is closed, Circuit B is open. 2. **Center Position:** Both circuits are open (OFF). 3. **Position 2:** Circuit A is open, Circuit B is closed. #### Environmental Protection This part is **process sealed**. It features an internal O-ring and an ultrasonic welding of the housing, allowing the PCB to be washed after automated soldering without contaminating the internal contacts with flux or cleaning agents. --- ### 4. Typical Applications * **Handheld Devices:** Due to its subminiature footprint. * **Medical Instrumentation:** Where reliability and small form factors are necessary. * **Telecommunications:** For mode switching in compact networking hardware. * **Industrial Controls:** As a logic-level selector switch.
    ✨ Follow-up Questions
    • ⤷ What is the footprint size of the G3T series on a PCB?
    • ⤷ Can this switch be used for power applications exceeding 1 Amp?
    • ⤷ What are the specific soldering temperature limits for the G3T29AB-R?