Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • G3T29AH-R

  • AI
    ## Overview of G3T29AH-R The **G3T29AH-R** is a specific electronic component, primarily recognized as a **subminiature toggle switch** manufactured by **NKK Switches**. It is designed for logic-level applications and is highly regarded for its process-sealed construction, which allows it to withstand automated soldering and washing processes. --- ### Technical Specifications The following table highlights the core electrical and physical parameters of the G3T29AH-R: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | NKK Switches | | **Circuit** | DPDT (Double Pole Double Throw) | | **Switch Function** | ON-OFF-(ON) / Momentary | | **Contact Rating** | 0.4VA maximum @ 28V AC/DC (Logic Level) | | **Mounting Type** | Through Hole, Right Angle | | **Termination Style** | PC Pin | | **Actuator Style** | Standard Toggle | | **Seal Integrity** | IP67 Rated (Process Sealed) | --- ### Key Electronic & Design Features #### 1. Contact Mechanism The device utilizes a **STC (Sliding Twin Crossbar)** contact mechanism. This is a critical electronic feature that provides: * **Self-cleaning action:** Every time the switch is toggled, it wipes the contacts clean. * **High Reliability:** Ideal for low-energy (logic level) circuits where oxidation could otherwise cause failure. #### 2. Material Composition * **Contacts:** Gold-plated brass or phosphor bronze. Gold is used specifically because it does not oxidize, ensuring a stable connection for low-voltage signals. * **Case/Base:** Heat-resistant resin (Polyphenylene Sulfide), allowing the part to survive wave soldering temperatures. #### 3. Environmental Protection The "R" suffix and the general G3T series design signify a **process-sealed** body. * An internal O-ring and ultrasonic welding prevent flux, solvents, and other contaminants from entering the contact area during the manufacturing process. #### 4. Physical Configuration * **Right Angle Mounting:** The pins are bent at a 90-degree angle, allowing the switch to be mounted on a PCB while the actuator protrudes through a side panel. * **Subminiature Size:** Designed for high-density PCB layouts where space is at a premium. --- ### Typical Applications * Handheld communication devices * Medical instrumentation * Industrial control panels (as a reset or selection switch) * Test and measurement equipment
    ✨ Follow-up Questions
    • ⤷ What is the difference between DPDT and SPDT toggle switches in logic circuits?
    • ⤷ Can the G3T29AH-R be used for power applications above 28V?
    • ⤷ How does the 'Momentary' function differ from a 'Maintained' function in NKK switches?