Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • G3T29AP-R

  • AI
    ### Overview of G3T29AP-R The **G3T29AP-R** is a specific electronic component within the category of **Toggle Switches**. It is manufactured by **NKK Switches** and is known for its ultra-miniature size and surface-mount compatibility. This part is widely used in telecommunications, medical equipment, and networking devices where space is at a premium. --- ### Technical Specifications The following table outlines the key electrical and physical characteristics of the G3T29AP-R: | Feature | Specification | | :--- | :--- | | **Switch Type** | Toggle Switch | | **Circuit** | DPDT (Double Pole Double Throw) | | **Switch Function** | ON-OFF-ON | | **Current Rating** | 0.4VA Max @ 28V AC/DC Max | | **Contact Material** | Phosphor Bronze with Gold Plating | | **Mounting Type** | Surface Mount (SMD), Gull Wing | | **Actuator Style** | Standard Round | | **Operating Temperature** | -30°C to +85°C | --- ### Key Electronic & Structural Features #### 1. Logic Level Capability The "0.4VA" rating indicates that this switch is designed specifically for **logic level circuits**. The gold-plated contacts ensure high reliability when switching low-voltage/low-current signals, preventing the oxidation that often occurs with silver contacts in similar environments. #### 2. Process Sealed Construction The G3T series features a fully sealed body. This is a critical electronic feature because: * It allows for **automated soldering** (reflow soldering). * It protects the internal contacts from flux and cleaning solvents during the PCB assembly process. #### 3. DPDT Configuration As a **Double Pole Double Throw** switch, it can control two separate circuits simultaneously. The "ON-OFF-ON" function means the switch has three positions: * **Left:** Circuit 1 Closed * **Center:** All Circuits Open (Neutral) * **Right:** Circuit 2 Closed --- ### Terminal Layout and Footprint The G3T29AP-R utilizes a **Gull Wing** terminal lead shape. This design is optimized for Surface Mount Technology (SMT), allowing the switch to be picked and placed by automated machinery and soldered onto the top layer of a PCB without the need for through-holes. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the G3T29AP-R and the G3T22 version?
    • ⤷ Can this switch be used for high-voltage power applications?
    • ⤷ What are the recommended reflow soldering profiles for this component?