Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GAL6-R

  • AI
    The **GAL6-R** is a specific type of logic controller/receiver commonly used in elevator control systems, specifically those designed by **GAL Manufacturing**. It serves as a sophisticated interface between the car's operating panel (COP) and the main controller. --- ### 1. Key Components and Functions The GAL6-R is essentially a Remote Serial Link (RSL) board. Its primary job is to reduce the amount of wiring needed by multiplexing signals. | Part Category | Description | | :--- | :--- | | **Microprocessor** | The "brain" that processes inputs (buttons) and controls outputs (indicators). | | **Transceiver ICs** | RS-485 or similar differential chips used for robust communication over long traveling cables. | | **I/O Ports** | Connection points for floor buttons, key switches, and lamps (LEDs). | | **Status LEDs** | Diagnostic lights (usually Power, Run, and Transmit/Receive) to show board health. | | **Voltage Regulator** | Converts the 24VDC system power down to 5V or 3.3V for internal logic. | --- ### 2. Technical Specifications The board is designed to survive the harsh electrical environment of an elevator hoistway. * **Operating Voltage:** Typically 24V DC. * **Communication Protocol:** Serial data link (GAL Proprietary). * **Inputs:** Opto-isolated to prevent damage from static or electrical surges. * **Outputs:** Usually current-limited to protect against shorted bulbs or LEDs. --- ### 3. Connection Pinout Overview While specific versions may vary, the GAL6-R typically uses a standard connector layout: 1. **Power (+24V):** Main DC feed. 2. **Ground (GND):** Common reference. 3. **Data + / Data -:** Differential serial pair for communication with the main controller. 4. **Local I/O:** Multi-pin headers for connecting the physical buttons and lights. --- ### 4. Common Troubleshooting If a GAL6-R board fails, it usually manifests in one of three ways: 1. **No Communication:** The "Comm" LED is off or solid red. This usually points to a wiring break in the traveling cable or a failed transceiver chip. 2. **Stuck Inputs:** A specific button remains "active" in the controller. This is often caused by a failed opto-isolator on the board. 3. **Power Failure:** If no LEDs are lit, the onboard voltage regulator or the input fuse (if equipped) has likely failed.
    ✨ Follow-up Questions
    • ⤷ How do you address or program the GAL6-R for a specific floor?
    • ⤷ What are the common voltage levels measured on the Data+ and Data- lines?
    • ⤷ Can a GAL6-R board be repaired
    • ⤷ or does it require full replacement?