Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GC160A48-R7B

  • AI
    The **GC160A48-R7B** is a high-performance, industrial-grade AC/DC battery charger manufactured by **Mean Well**. It is specifically designed for 48V lead-acid or Li-ion battery systems, commonly used in electric scooters, wheelchairs, and telecommunication backup systems. --- ## 1. Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Vout)** | 54.4V DC | | **Output Current (Iout)** | 2.9A | | **Rated Power** | 160 Watts | | **Input Voltage Range** | 90 ~ 264V AC (Universal) | | **Efficiency** | 94% | | **Connector Type** | Power DIN 4-Pin (R7B) | | **Charging Stages** | 2-Stage (Constant Current / Constant Voltage) | --- ## 2. Core Electronic Components & Features The GC160A48-R7B utilizes a sophisticated internal architecture to ensure safety and efficiency: ### A. Active PFC (Power Factor Correction) Unlike standard power adapters, this unit includes an **Active PFC circuit**. This improves the power factor (PF > 0.94), reducing harmonic distortion and ensuring compliance with international energy regulations (EN61000-3-2). ### B. Two-Stage Charging Logic The internal control IC manages a two-stage charging process: 1. **Constant Current (CC):** Provides a steady 2.9A to the battery when the charge level is low. 2. **Constant Voltage (CV):** Once the battery reaches a specific threshold, it switches to a fixed voltage (54.4V) to top off the battery safely. ### C. Protection Circuitry The device incorporates several layers of electronic protection: * **Short Circuit Protection:** Auto-recovery after the fault is removed. * **Overload Protection:** Limits output current to prevent internal component damage. * **Overvoltage Protection:** Shuts down the unit if the output voltage exceeds safe limits (59V–64V). * **Overtemperature Protection:** Monitors the internal heatsink and throttles or shuts down if it exceeds safe operating temperatures. ### D. Visual Feedback (LED Indicator) The unit uses a dual-color LED to communicate the internal state: * **Red LED:** Charging in progress (CC mode). * **Green LED:** Battery full or standby (CV mode). --- ## 3. Connector Pinout (R7B Type) The "R7B" suffix refers to the specific **4-Pin Power DIN** connector. The pin configuration is typically as follows: | Pin Number | Assignment | | :--- | :--- | | **1, 4** | +V (Positive Output) | | **2, 3** | -V (Negative Output) | | **Shell** | Ground / Shield | ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the R7B and other connector versions like the AD1?
    • ⤷ Can this charger be used for LifePO4 batteries instead of standard Lead-Acid?
    • ⤷ How does the efficiency rating impact the heat dissipation of the GC160 series?