AI

The **GL10-R3811** is a high-performance photoelectric proximity sensor from the **G10 product family** by SICK. It is designed for industrial automation, specifically for detecting objects over long distances using a reflex principle.
---
## 1. Technical Specifications
The electronic components of the GL10-R3811 are engineered for versatility, allowing it to interface with both AC and DC power systems.
| Feature | Specification |
| :--- | :--- |
| **Sensor Principle** | Photoelectric retro-reflective sensor |
| **Detection Range** | 0.08 m ... 15 m (with PL80A reflector) |
| **Supply Voltage** | 24 V AC/DC ... 240 V AC/DC |
| **Output Type** | Relay, SPDT (Single Pole Double Throw) |
| **Switching Mode** | Light/dark switching (selectable via wiring) |
| **Switching Current** | Max. 3 A @ 250 V AC / 3 A @ 30 V DC |
| **Response Time** | ≤ 10 ms |
| **Connection Type** | Cable, 5-wire, 2 m (PVC) |
---
## 2. Key Electronic Components
### A. The Optical Emitter (PinPoint LED)
Unlike standard LEDs, the GL10-R3811 uses **PinPoint technology**.
* **Wavelength:** 625 nm (Visible red light).
* **Benefit:** Produces a small, precise, and highly visible light spot. This makes alignment easy and allows for the detection of small parts even at long distances.
### B. The Universal Power Supply Unit
One of the most significant electronic features is the **Multi-voltage capability**.
* It contains an internal rectifier and regulator that accepts a wide range of voltages (**24V to 240V AC/DC**).
* This eliminates the need for separate models for different power grids (US vs. EU) or machine standards.
### C. The Relay Output (Electromechanical)
Instead of a transistor output (PNP/NPN), this model uses a **Relay**:
* **Galvanic Isolation:** The switching circuit is electrically isolated from the sensor's power supply.
* **High Load Handling:** It can directly switch motors, heavy-duty contactors, or high-wattage lamps without an intermediate relay.
---
## 3. Wiring and Pin Configuration
The GL10-R3811 uses a 5-wire cable. Below is the electronic termination map:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | L1 / + | Power Supply (24-240V) |
| **Blue** | N / - | Power Supply (Neutral/Common) |
| **White** | Relay Common | The "Input" side of the switch |
| **Black** | Relay NO | Normally Open contact |
| **Gray** | Relay NC | Normally Closed contact |
---
## 4. Protection and Durability
The internal electronics are protected by a rugged housing designed for harsh environments:
* **Enclosure Rating:** IP67 (dust-tight and water-resistant).
* **Circuit Protection:** Built-in interference suppression and reverse polarity protection.
* **EMC Standards:** Tested according to EN 60947-5-2 for electromagnetic compatibility in industrial zones.
- ⤷
What is the difference between the GL10-R3811 and the GL10-P4211?
- ⤷ Which reflectors are recommended for maximum range with this sensor?
- ⤷ How do I switch between light-switching and dark-switching modes using the relay wires?