Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GM393D8T

  • AI
    The **GM393D8T** is a specific variant of the widely used 393 series integrated circuit. It is a **dual differential comparator**, commonly used in automotive and industrial control systems to compare two voltages and trigger a digital output. --- ### 1. Key Technical Specifications The "D8T" suffix usually refers to the package type (often TSSOP-8) and temperature rating. Below are the primary electronic characteristics: | Parameter | Typical Value | | :--- | :--- | | **Channels** | 2 (Dual Comparator) | | **Supply Voltage (Single)** | +2.0V to +36V | | **Supply Voltage (Split)** | ±1.0V to ±18V | | **Output Type** | Open Collector | | **Low Supply Current** | 0.4 mA (per channel) | | **Input Bias Current** | 25 nA | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Internal Architecture & Logic The GM393D8T consists of two independent high-precision voltage comparators. It is designed to operate from a single power supply over a wide range of voltages. - **Open Collector Output:** This means the output requires an external **pull-up resistor** to function. This allows the chip to interface with different logic levels (e.g., a 12V comparator driving a 5V microcontroller). - **Common Mode Input:** The input common-mode voltage range includes ground, even though it is operated from a single supply voltage. --- ### 3. Pinout Configuration (8-Pin) | Pin No. | Label | Function | | :--- | :--- | :--- | | 1 | OUT A | Output of Comparator A | | 2 | IN A (-) | Inverting Input of Comparator A | | 3 | IN A (+) | Non-inverting Input of Comparator A | | 4 | GND | Ground / Negative Supply | | 5 | IN B (+) | Non-inverting Input of Comparator B | | 6 | IN B (-) | Inverting Input of Comparator B | | 7 | OUT B | Output of Comparator B | | 8 | Vcc | Positive Power Supply | --- ### 4. Common Applications * **Limit Comparators:** Checking if a sensor voltage exceeds a certain threshold. * **Zero Crossing Detectors:** Identifying when an AC signal crosses 0V. * **Oscillators:** Simple square wave pulse generation. * **Logic Level Shifting:** Translating signals between different voltage domains. * **Battery Monitors:** Monitoring voltage levels in automotive or portable electronics. --- ### 5. Implementation Example Here is a conceptual representation of how to wire the GM393D8T for a simple threshold detector: ```python # Conceptual Logic: # If V_in (Pin 3) > V_ref (Pin 2): # Output (Pin 1) = High (Pulled up by resistor) # Else: # Output (Pin 1) = Low (Internal transistor pulls to GND) ```
    ✨ Follow-up Questions
    • ⤷What is the purpose of the pull-up resistor in the GM393D8T circuit?
    • ⤷ Can the GM393D8T operate on a dual (+/-) power supply?
    • ⤷ How does the GM393D8T differ from a standard LM393?