Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GMA-300-R

  • AI
    The **GMA-300-R** is a high-performance, industrial-grade **Incremental Rotary Encoder** typically used in automation, motion control, and CNC machinery. It is designed to convert rotational movement into electrical pulses for positioning and speed feedback. --- ## 1. Key Electronic Specifications The performance of the GMA-300-R is defined by its electrical characteristics, which determine its compatibility with PLCs and controllers. | Feature | Specification (Typical) | | :--- | :--- | | **Supply Voltage** | 5V DC or 8-26V DC (Wide Range) | | **Output Type** | Push-Pull, Line Driver, or Open Collector | | **Resolution (PPR)** | Up to 5000 Pulses Per Revolution | | **Output Phases** | A, B, and Z (Index Pulse) | | **Current Consumption** | $\le$ 60mA | | **Response Frequency** | 0 - 300 kHz | --- ## 2. Main Electronic Components The internal architecture of the GMA-300-R consists of several critical electronic sub-systems: ### A. Photoelectric Detection System * **LED Source:** An infrared LED projects light through a graduated disc. * **Optical Disc:** A high-precision glass or plastic disc with etched lines that "chop" the light beam. * **Photodetector Array:** Translates the light pulses into low-level analog electrical signals. ### B. Signal Processing Circuitry * **Comparator/Schmitt Trigger:** Converts the raw analog sine waves from the photodetectors into clean square waves (digital signals). * **Direction Logic:** The A and B phases are offset by 90 electrical degrees (Quadrature). This allows the controller to determine the direction of rotation. ### C. Output Driver Stage This is the final part of the electronic chain that sends the signal to the external controller: * **Line Driver (RS422):** Used for long-distance transmission; it provides differential signals ($A, \bar{A}, B, \bar{B}$) to cancel out electromagnetic interference (EMI). * **Push-Pull (HTL):** Provides a high-voltage signal suitable for standard PLC inputs. --- ## 3. Wiring Configuration The GMA-300-R usually follows a standardized color-coding for its electrical connections. ```yaml Red: Vcc (Power Supply) Black: 0V (Ground) Green: Phase A White: Phase B Yellow: Phase Z (Index) Shield: Ground/Earth ``` --- ## 4. Application Context The electronics are housed in a rugged casing to protect against electrical noise and environmental factors. Common use cases include: 1. **Motor Speed Feedback:** Measuring RPM in AC/DC motors. 2. **Length Measurement:** Tracking material travel in conveyor systems. 3. **Positioning:** Ensuring precise stop-points in automated robotic arms.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Line Driver and Push-Pull output options for this encoder?
    • ⤷ How do I calculate the linear distance if I know the PPR of the GMA-300-R?
    • ⤷ What are the environmental protection ratings (IP) for this specific model?